Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210H124J2GACT500 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C1210H124J2GACT500
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210H124J2GACT500 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C1210H124J2GACT500 Datasheet HTML 6Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 7Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 8Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 9Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 10Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 11Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 12Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 13Page - Kemet Corporation C1210H124J2GACT500 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Product Qualification Test Plan
Reliability/Environmental Tests per MIL–STD–202//JESD22
High Temperature Life
200°C rated voltage 2,000 hours
Load Humidity
85°C /85%RH rated voltage 1,000 hours
Low Voltage Humidity
85°C /85%RH, 1.5 V, 1,000 hours
Temperature Cycling
-55°C to +200°C, 50 Cycles
Thermal Shock
-55°C to +150°C, 20 seconds transfer, 15 minute dwell, 300 cycles
Moisture Resistance
Cycled Temp/RH 0 V, 10 cycles @ 24 hours each
Physical, Mechanical & Process Tests per MIL–STD 202/JIS–C–6429
Resistance to Solvents
Include Aqueous wash chemical, OKEM Clean or equivalent
Mechanical Shock and Vibration
Method 213: Figure 1, Condition F Method 204: 5 gs for 20 minutes 12 cycles
Resistance to Soldering Heat
Condition B, no per-heat of samples, Single Wave Solder
Terminal Strength
Force of 1.8 kg for 60 seconds
Board Flex
Appendix 2, Note: 3.0 mm (minimum)
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature– reels may soften or warp and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum storage humidity not exceed 70%
relative humidity. Temperature fluctuations should be minimized to avoid condensation on the parts and atmospheres should be free of
chlorine and sulfur bearing compounds. For optimized solderability chip stock should be used promptly, preferably within 1.5 years of
receipt.


Similar Part No. - C1210H124J2GACT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210H124J2GACTU KEMET-C1210H124J2GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C1210H124J2GACT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com