Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V35PWM15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V35PWM15
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V35PWM15 Datasheet(HTML) 2 Page - Vishay Siliconix

  V35PWM15 Datasheet HTML 1Page - Vishay Siliconix V35PWM15 Datasheet HTML 2Page - Vishay Siliconix V35PWM15 Datasheet HTML 3Page - Vishay Siliconix V35PWM15 Datasheet HTML 4Page - Vishay Siliconix V35PWM15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V35PWM15
www.vishay.com
Vishay General Semiconductor
Revision: 01-Jun-17
2
Document Number: 87503
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 5 ms
Notes
(1) The heat generated must be less than thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
(2) Free air, mounted on recommended copper pad area; thermal resistance RθJA - junction to ambient
(3) Mounted on infinite heat sink; thermal resistance RθJM - junction-to-mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.61
-
V
IF = 17.5 A
0.90
-
IF = 35 A
1.32
1.40
IF = 5.0 A
TA = 125 °C
0.50
-
IF = 17.5 A
0.65
-
IF = 35 A
0.71
0.79
Reverse current
VR = 100 V
TA = 25 °C
IR (2)
0.01
-
mA
TA = 125 °C
4
-
VR = 150 V
TA = 25 °C
-
0.5
TA = 125 °C
9
25
Typical junction capacitance
4.0 V, 1 MHz
CJ
1620
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V35PWM15
UNIT
Typical thermal resistance
RθJA
(1)(2)
55
°C/W
RθJM
(3)
1.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V35PWM15-M3/I
0.20
I
4500
13" diameter plastic tape and reel
V35PWM15HM3/I (1)
0.20
I
4500
13" diameter plastic tape and reel


Similar Part No. - V35PWM15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V35PWM15 VISHAY-V35PWM15 Datasheet
144Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V35PWM153 VISHAY-V35PWM153 Datasheet
142Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.47 V at IF = 5 A
Revision: 29-Jan-2021
V35PWM153-M3/I VISHAY-V35PWM153-M3/I Datasheet
142Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.47 V at IF = 5 A
Revision: 29-Jan-2021
V35PWM153HM3/I VISHAY-V35PWM153HM3/I Datasheet
142Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.47 V at IF = 5 A
Revision: 29-Jan-2021
V35PWM15 VISHAY-V35PWM15_V01 Datasheet
144Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V35PWM15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V35PW15 VISHAY-V35PW15 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
VT760-E3 VISHAY-VT760-E3 Datasheet
141Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 15-Dec-16
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 01-Jun-17
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 04-May-15
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
Revision: 01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
Revision: 01-Jun-17
V35PW12 VISHAY-V35PW12 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
Revision: 01-Jun-17
V35PWM45 VISHAY-V35PWM45 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
Revision: 01-Jun-17
V35PWM60 VISHAY-V35PWM60 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 01-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com