Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG308112W Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TG308112W
Description  SPECIFICATION PATENTED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG308112W Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TG308112W Datasheet HTML 1Page - Taoglas antenna solutions TG308112W Datasheet HTML 2Page - Taoglas antenna solutions TG308112W Datasheet HTML 3Page - Taoglas antenna solutions TG308112W Datasheet HTML 4Page - Taoglas antenna solutions TG308112W Datasheet HTML 5Page - Taoglas antenna solutions TG308112W Datasheet HTML 6Page - Taoglas antenna solutions TG308112W Datasheet HTML 7Page - Taoglas antenna solutions TG308112W Datasheet HTML 8Page - Taoglas antenna solutions TG308112W Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
US Patent No.: 9559423
SPE-12-8-121/D/WY
Page 3 of 20
2. Specification
ELECTRICAL
Frequency (MHz) 700~800 824~960 1575.42 1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 2400~2700
Peak Gain (dBi)
Free Space
2.7
2.1
0.3
3.5
3.6
3.6
5.3
30x30cm GP center
4.3
5.3
5.3
6.7
6.8
7.5
8.1
30x30cm GP edge
4.4
2.4
0.5
1.9
2.0
2.5
3.2
PCB edge
3.2
1.9
2.4
3.2
3.3
3.6
4.7
Average Gain
Free Space
-0.7
-1.2
-1.2
-0.4
-0.4
-0.2
-0.6
30x30cm GP center
-2.8
-1.0
-2.4
-1.6
-1.8
-1.3
-1.2
30x30cm GP edge
-0.1
-4.3
-2.5
-2.0
-2.0
-2.0
-2.2
PCB edge
0.8
-1.9
-0.9
-0.6
-0.6
-0.6
-0.8
Efficiency
Free Space
85%
75%
76%
90%
90%
90%
87%
30x30cm GP center
52%
39%
57%
70%
65%
74%
75%
30x30cm GP edge
91%
64%
56%
62%
62%
63%
60%
PCB edge
86%
87%
81%
86%
86%
86%
84%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
10 W
MECHANICAL
Casing
UV Resistant PC/ABS
Connector
SMA Male
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - TG308112W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG308112W ETC2-TG308112W Datasheet
1Mb / 25P
   Apex White Right Angle TG.30 Ultra-Wideband 4G LTE Antenna
More results

Similar Description - TG308112W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA230LBC002 TAOGLAS-MA230LBC002 Datasheet
2Mb / 24P
   SPECIFICATION PATENTED
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
   patented capacitive ASIC technology
logo
RF Micro Devices
SGC6489Z RFMD-SGC6489Z Datasheet
391Kb / 6P
   Patented Self Bias Circuitry
logo
Microsemi Corporation
CHF15KE68 MICROSEMI-CHF15KE68 Datasheet
262Kb / 3P
   Patented Flip Chip Series
CHF5KP50 MICROSEMI-CHF5KP50 Datasheet
253Kb / 3P
   Patented Flip Chip Series
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
Microsemi Corporation
CHFP6KE50 MICROSEMI-CHFP6KE50 Datasheet
154Kb / 3P
   Patented Flip-Chip Series
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
   Patented free-floating silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com