Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17JE-23090-2(D8C)-CG Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17JE-23090-2(D8C)-CG
Description  17JE Series Hood Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-23090-2(D8C)-CG Datasheet(HTML) 5 Page - DDK Ltd.

  17JE-23090-2(D8C)-CG Datasheet HTML 1Page - DDK Ltd. 17JE-23090-2(D8C)-CG Datasheet HTML 2Page - DDK Ltd. 17JE-23090-2(D8C)-CG Datasheet HTML 3Page - DDK Ltd. 17JE-23090-2(D8C)-CG Datasheet HTML 4Page - DDK Ltd. 17JE-23090-2(D8C)-CG Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
17JE Series Solder-Cup Termination
Unit:mm
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
5
○ Panel Mount Deviation
Deviation of Panel Mount
Front Mount
Front Mount
Rear Mount
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
17L-002 □
Type 1
Type 2
Type 3
17L-003 □ 1
17L-003 □ 3
Panel
Thickness
Max1.3
Mounting Style
Stud Jack Socket
Assembled with Stud , Pan-head
Screw
・Socket
17JE-13 □□ 0-0 □ (D2 □ )-CG
・Pin
17JE-23 □□ 0-0 □ (D2 □ )-CG
Jack socket and hex nut(M3)
are attached.
・Socket
17JE-13 □□ 0-0 □ (D3 □ )A
・Pin
17JE-23 □□ 0-0 □ (D3 □ )
Jack socket and hex nut(M3)
are attached.
・Socket
17JE-13 □□ 0-0 □ (D4 □ )A
・Pin
17JE-23 □□ 0-0 □ (D4 □ )
not available
□ : Thread Size   A:M2.6×0.45
           B:M3×0.5
           C:# 4-40UNC
● Panel Mounting Configuration
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
Type 1
Type 2
Type 3
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
● Panel Cut-out Dimensions
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
※ Connector can be fastened
on the panel.
 (Panel Thickness:0.8 ~ 1.3)
Number of Contact
B
H
M
9
24.99
20.5
22.2
15
33.32
28.8
30.5
25
47.04
42.5
44.3
37
63.50
59.1
60.7
M3
M3
Pan-head Screw
Stud
17JE-□□□□□-0□(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□(D1)
17JE-□□□□□-0□(D1)□
Jack Socket
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
K(min.)
4-R1.0
H(min.)
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
M ±0.3
4-R2.5
Nut
Connector
Jack Socket
Type 1 or Type 2
Type 3
M
10°
B
+0.1
0
4-R2.1±0.2
R
R1.26 max.


Similar Part No. - 17JE-23090-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-23090-02(D1) DDK-17JE-23090-02(D1) Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-23090-02(D1)A DDK-17JE-23090-02(D1)A Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-23090-02D1A DDK-17JE-23090-02D1A Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-23090-02D8A2-CG DDK-17JE-23090-02D8A2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-23090-02D8A2A-CG DDK-17JE-23090-02D8A2A-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
More results

Similar Description - 17JE-23090-2(D8C)-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
   17JE Series Hood Kit
logo
Harwin Plc
G125-96406F1 HARWIN-G125-96406F1 Datasheet
83Kb / 1P
   G125 J-TEK SERIES HOOD KIT
G125-9640600 HARWIN-G125-9640600 Datasheet
75Kb / 1P
   G125 J-TEK SERIES HOOD KIT
logo
List of Unclassifed Man...
SDC15AG ETC2-SDC15AG Datasheet
97Kb / 1P
   DB15 HD26 HOOD KIT
logo
Harwin Plc
M80-8801098 HARWIN-M80-8801098 Datasheet
69Kb / 1P
   DATAMATE CABLE HOOD ASSEMBLY/KIT
logo
CONEC Elektronische Bau...
16-002200 CONEC-16-002200 Datasheet
108Kb / 1P
   Kit Encoding Connection f. Hood Snap Lock Kit Kodier-Rastbolzen
02.02.15
3024W7PAR99F40X CONEC-3024W7PAR99F40X Datasheet
73Kb / 1P
   KIT with PLASTIC HOOD and D-SUB MALE
26.09.13
logo
Amphenol Communications...
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
   NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
   NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
logo
Festo Corporation.
572258 FESTO-572258 Datasheet
66Kb / 1P
   Hood
7/21/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com