Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP1575184C02 Datasheet(PDF) 11 Page - Taoglas antenna solutions

Part # SGP1575184C02
Description  GPS/GALILEO SMT PAtch Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGP1575184C02 Datasheet(HTML) 11 Page - Taoglas antenna solutions

Back Button SGP1575184C02 Datasheet HTML 6Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 7Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 8Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 9Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 10Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 11Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 12Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 13Page - Taoglas antenna solutions SGP1575184C02 Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SPE-11-8-138/F/SS
Page 11 of 14
5. Recommended Reflow Soldering Profile
SGP.18C can be assembled following Pb-free assembly. According to the Standard
IPC/JEDEC J-STD-020C, the temperature profile suggested is as follow:
Phase
Profile Features
Pb-Free Assembly (SnAgCu)
PREHEAT
Temperature Min(Tsmin)
Temperature Max(Tsmax)
Time(ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax to TP) 3°C/second(max)
REFLOW
Temperature(TL)
Total Time above TL (tL)
217°C
30-100 seconds
PEAK
Temperature(TP)
Time(tp)
260°C
2-5 seconds
RAMP-DOWN
Rate
3°C/second(max)
Time from 25°C to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26
Soldering Iron condition: Soldering iron temperature 270°C±10°C.
Apply preheating at 120°C for 2-3 minutes. Finish soldering for each terminal within 3 seconds, if soldering iron
temperature over270°C±10°C or 3 seconds, it will make cause component surface peeling or damage.


Similar Part No. - SGP1575184C02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGP1575124A02 TAOGLAS-SGP1575124A02 Datasheet
1Mb / 13P
   GPS/GALILEO SMT PAtch Antenna
SGP1575154A02 TAOGLAS-SGP1575154A02 Datasheet
1,006Kb / 13P
   GPS/GALILEO SMT PAtch Antenna
More results

Similar Description - SGP1575184C02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGGP254A02 TAOGLAS-SGGP254A02 Datasheet
886Kb / 14P
   GPS/GALILEO SMT Patch Antenna
SGP1575254C02 TAOGLAS-SGP1575254C02 Datasheet
1,021Kb / 15P
   GPS/GALILEO SMT PAtch Antenna
SGP1575124A02 TAOGLAS-SGP1575124A02 Datasheet
1Mb / 13P
   GPS/GALILEO SMT PAtch Antenna
SGP1575154A02 TAOGLAS-SGP1575154A02 Datasheet
1,006Kb / 13P
   GPS/GALILEO SMT PAtch Antenna
SGGP.25.4.A.02 TAOGLAS-SGGP.25.4.A.02 Datasheet
1Mb / 14P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP.18.4.A.02 TAOGLAS-SGGP.18.4.A.02 Datasheet
1Mb / 19P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP18A TAOGLAS-SGGP18A Datasheet
1Mb / 19P
   GPS/Glonass/Galileo SMT Patch Antenna
GP1575252A02 TAOGLAS-GP1575252A02 Datasheet
597Kb / 9P
   2mm GPS/GALILEO Patch Antenna
AP10G01 TAOGLAS-AP10G01 Datasheet
856Kb / 10P
   10mm SMT 14dB Active GPS/GALILEO Patch Antenna
SGGP.12.4.A.02 TAOGLAS-SGGP.12.4.A.02_17 Datasheet
1Mb / 18P
   12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com