Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0765RC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSCM0765RC
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765RC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSCM0765RC Datasheet HTML 1Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765RC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FSCM0765R
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)Absolute Maximum Ratings
Pin Number
Pin Name
Pin Function Description
1Drain
This pin is the high voltage power SenseFET drain. It is designed to drive the
transformer directly.
2
GND
This pin is the control ground and the SenseFET source.
3VCC
This pin is the positive supply voltage input. Initially, During start up, the power is
supplied through the startup resistor from DC link. When Vcc reaches 12V, the
power is supplied from the auxiliary transformer winding.
4
Feedback (FB)
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an optocoupler is typically tied to this pin. For stable operation, a
capacitor should be placed between this pin and GND. If the voltage of this pin
reaches 6.0V, the over load protection is activated resulting in shutdown of the
FPS.
5N.C.
This pin is not connected.
6I_limit
This pin is for the pulse by pulse current limit level programming. By using a
resistor to GND on this pin, the current limit level can be changed. If this pin is
left floating, the typical current limit will be 3.0A.
1 : Drain
2 : GND
6 : I_limit
4 : FB
3 : Vcc
5 : N.C.
D2-PAK-6L
1. Drain
2. GND
3. Vcc
4. FB
6. I_limit
5. N.C.
TO-220-6L
FSCM0765RJ
FSCM0765RG
I2-PAK-6L
FSCM0765RI
1 : Drain
2 : GND
6 : I_limit
4 : FB
3 : Vcc
5 : N.C.


Similar Part No. - FSCM0765RC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0765RC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com