Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA01 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # ILA01
Description  Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA01 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button ILA01 Datasheet HTML 4Page - Taoglas antenna solutions ILA01 Datasheet HTML 5Page - Taoglas antenna solutions ILA01 Datasheet HTML 6Page - Taoglas antenna solutions ILA01 Datasheet HTML 7Page - Taoglas antenna solutions ILA01 Datasheet HTML 8Page - Taoglas antenna solutions ILA01 Datasheet HTML 9Page - Taoglas antenna solutions ILA01 Datasheet HTML 10Page - Taoglas antenna solutions ILA01 Datasheet HTML 11Page - Taoglas antenna solutions ILA01 Datasheet HTML 12Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPE-12-8-079/C/WY
Page 8 of 12
5.2 Matching Circuit
Like all antennas, surrounding components, enclosures, and changes to the GND plane
dimensions can alter performance. A pi-matching network like the one shown below is required
in case adjustments need to be made. The antenna EVB has a similar matching network. The
components on the EVB are a good starting point for a new design, but will need to be adjusted
upon integration for best performance. The zero ohm resistor is needed for the ability to solder
down a coax pigtail to make measurements with a vector network analyzer.
Figure 9. Matching Circuits Block Diagram.


Similar Part No. - ILA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
   Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
More results

Similar Description - ILA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
   Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
ILA02 ETC2-ILA02 Datasheet
642Kb / 11P
   Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
   Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
logo
World Produts Inc.
WPANT10016 WPI-WPANT10016 Datasheet
206Kb / 3P
   860 / 915 MHz ISM Band and GSM Embedded Antenna
logo
Taoglas antenna solutio...
ISA05A033822 TAOGLAS-ISA05A033822 Datasheet
1Mb / 15P
   915 MHz ISM Band Adhesive Mounted Patch Antenna
logo
List of Unclassifed Man...
IS05B301111 ETC2-IS05B301111 Datasheet
888Kb / 17P
   915 MHz Hercules ISM Band Antenna Screw-mount
logo
World Produts Inc.
WPANT40003-S1A WPI-WPANT40003-S1A Datasheet
142Kb / 2P
   915 MHz ISM band Wrap-Around AMI Antenna
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com