Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA31A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # HA31A
Description  915MHz 2dBi Embedded Helical Monopole Antenna
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HA31A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  HA31A Datasheet HTML 1Page - Taoglas antenna solutions HA31A Datasheet HTML 2Page - Taoglas antenna solutions HA31A Datasheet HTML 3Page - Taoglas antenna solutions HA31A Datasheet HTML 4Page - Taoglas antenna solutions HA31A Datasheet HTML 5Page - Taoglas antenna solutions HA31A Datasheet HTML 6Page - Taoglas antenna solutions HA31A Datasheet HTML 7Page - Taoglas antenna solutions HA31A Datasheet HTML 8Page - Taoglas antenna solutions HA31A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DSP-15-8- SPE-16-8-017/C/WY
Page 2 of 24
1.Introduction
The HA.31.A is an ISM 915MHz quarter wave-length monopole antenna. This helical
coil antenna is perfect for your smart meter, smart security system, remote asset
monitoring, and other wireless communication devices.
The helical coil antenna has a 2dBi Peak gain and a 68% efficiency at 915MHz on a
126.8 x 80.1mm ground plane with matching components (orthogonally mounted to
ground plane, see HAD.B.31 performance).
Made of copper alloy, the helical coil is mechanically sturdy, with a wide-bandwidth. It
can be easily mounted on the surface of your device main board by soldering. The
antenna must be connected to a ground-plane to radiate efficiently.


Similar Part No. - HA31A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
   SiGe MMIC High Frequency Power Amplifier
HA31005ANPTL-E RENESAS-HA31005ANPTL-E Datasheet
112Kb / 8P
   SiGe MMIC High Frequency Power Amplifier
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
   SiGe MMIC High Frequency Low Noise Amplifier
HA31006ANPTL-E RENESAS-HA31006ANPTL-E Datasheet
158Kb / 11P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
Hirose Electric
HA316JA-3PF-A HIROSE-HA316JA-3PF-A Datasheet
662Kb / 14P
   AUDIO CONNECTORS-MODELS
More results

Similar Description - HA31A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
HA21A TAOGLAS-HA21A Datasheet
2Mb / 25P
   2dBi 868MHz Embedded Helical Monopole Antenna
logo
List of Unclassifed Man...
HA.31.A ETC2-HA.31.A Datasheet
3Mb / 24P
   Embedded Helical Monopole Antenna
HA.21.A ETC2-HA.21.A Datasheet
2Mb / 25P
   Embedded Helical Monopole Antenna
logo
Taoglas antenna solutio...
HA10A TAOGLAS-HA10A Datasheet
1Mb / 14P
   169MHz Helical Monopole Antenna
logo
Linx Technologies
ANT-916-CW-RAH-CCC LINX-ANT-916-CW-RAH-CCC Datasheet
204Kb / 2P
   916 MHz Helical Monopole Antenna
2019
logo
Pulse A Technitrol Comp...
W3139 PULSE-W3139 Datasheet
2Mb / 28P
   860-930MHz Embedded Helical Antenna
logo
List of Unclassifed Man...
TG220111W ETC2-TG220111W Datasheet
641Kb / 12P
   PENTA BAND CELLULAR CONNECTOR MOUNT MONOPOLE HELICAL ANTENNA
logo
Pulse A Technitrol Comp...
W3136 PULSE-W3136 Datasheet
1Mb / 21P
   860-930MHz Embedded Helical Antenna
logo
SparkFun Electronics
WRL-14875 SPARKFUN-WRL-14875 Datasheet
65Kb / 1P
   915MHz LoRa Antenna RP-SMA - 1/4 Wave 2dBi
logo
Taoglas antenna solutio...
FXP07B070100A TAOGLAS-FXP07B070100A Datasheet
732Kb / 18P
   Embedded 2G/3G Flex Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com