Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI10N20C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI10N20C
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI10N20C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI10N20C Datasheet HTML 1Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 2Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 3Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 4Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 5Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 6Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 7Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 8Page - Fairchild Semiconductor FQI10N20C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, August 2003
QFETTM
FQB10N20C/FQI10N20C
200V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters,
switch mode power supplies, DC-AC converters for
uninterrupted power supplies and motor controls.
Features
• 9.5A, 200V, RDS(on) = 0.36Ω @VGS = 10 V
• Low gate charge ( typical 20 nC)
• Low Crss ( typical 40.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQB10N20C/FQI10N20C
Units
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
- Continuous (TC = 25°C)
9.5
A
- Continuous (TC = 100°C)
6.0
A
IDM
Drain Current
- Pulsed
(Note 1)
38
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
210
mJ
IAR
Avalanche Current
(Note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
72
W
- Derate above 25°C
0.57
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.74
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
D2-PAK
FQB Series
I2-PAK
FQI Series
GS
D
GS
D


Similar Part No. - FQI10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI10N20 FAIRCHILD-FQI10N20 Datasheet
794Kb / 9P
   200V N-Channel MOSFET
FQI10N20L FAIRCHILD-FQI10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQI10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com