Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP290070100A Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # FXP290070100A
Description  915MHz ISM Band Flex Circuit Antenna
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP290070100A Datasheet(HTML) 6 Page - Taoglas antenna solutions

  FXP290070100A Datasheet HTML 1Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 2Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 3Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 4Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 5Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 6Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 7Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 8Page - Taoglas antenna solutions FXP290070100A Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SPE-15-8-025/A/WY Page 6 of 9
4.5. Gain Data
Figure 7. Gain for the FXP290 Antenna.
4.6. Radiation Pattern Data.
Figure 8. Radiation pattern 3D View, Figure 1 as reference (dB).


Similar Part No. - FXP290070100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
   915MHz ISM Band Flex Circuit Antenna
More results

Similar Description - FXP290070100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
   915MHz ISM Band Flex Circuit Antenna
logo
Maxtena Inc.
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
   External 915MHz ISM Band Antenna
REV A
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
List of Unclassifed Man...
FXP270070100A ETC2-FXP270070100A Datasheet
478Kb / 8P
   784MHz ISM Band Flex Circuit Antenna
FXP280070100A ETC2-FXP280070100A Datasheet
308Kb / 10P
   868MHz ISM Band Flex Circuit Antenna
FXP240070100A ETC2-FXP240070100A Datasheet
368Kb / 5P
   433MHz ISM Band Flex Circuit Antenna
FXP245070100A ETC2-FXP245070100A Datasheet
393Kb / 5P
   450MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
   ISM 915MHz Chip Antenna
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
   ISM 915MHz Band System
logo
List of Unclassifed Man...
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
   3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com