Electronic Components Datasheet Search |
|
17JE-13250-2(D8A)A-CG Datasheet(PDF) 3 Page - DDK Ltd. |
|
17JE-13250-2(D8A)A-CG Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 5 page 17JE Series Solder-Cup Termination Unit:mm http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. Deviation D8 A x ○ D-Sub Connectors with Cable Hood Kit 3 32.2 24.99 18.2 22.2 Lock Screw Cable Dia. φ7.5(max.) 1 9 7 8 5 4 3 2 6 40.5 33.32 30 Lock Screw 14 13 12 15 9 10 11 7 6 8 3 4 1 5 2 Cable Dia. φ8.0(max.) 54.0 47.04 35 1 7 8 3 4 2 5 6 9 11 10 12 13 23 22 21 20 19 18 17 16 15 14 24 25 Lock Screw Cable Dia. φ9(max.) 5 70.5 63.5 42 Lock Screw Cable Dia. φ10.5(max.) 1 7 8 3 4 2 5 6 9 11 10 12 13 20 19 18 17 16 15 14 26 27 22 23 21 24 25 28 30 29 31 32 37 36 35 34 33 9 contact (Less Boot) 15 contact 25 contact 37 contact 17JE-13250-02(D8Ax)A-CG Mating Style 1: Socket Connector (for Standard Cable) 2: Pin Connector (for Standard Cable) 3: Socket Connector (for Slim Cable) 4: Pin Connector (for Slim Cable) Terminattion 0 : Solder-cup Contact Plating 2: Au(Flash) over Ni Plating Plating on Shell 3: Ni Plating Number of Contact 09, 15, 25, 37 Lead and Cadmium Free A-CG : Lead and Cadmium Free (Socket Connector) -CG : Lead and Cadmium Free (Pin Connector) Straight Hood Nickel Plating Metarised-finish Thread A:M2.6×0.45 B:M3×0.5 C:# 4-40UNC Lock Screw No Digit:Standard 2, 6 : Refer to page 7 ※ Dimension is including the connector. ※ ※ ※ ※ Connector with Cable Hood Kit Socket Connector EMI Shielded |
Similar Part No. - 17JE-13250-2(D8A)A-CG |
|
Similar Description - 17JE-13250-2(D8A)A-CG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |