Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGIP254A02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # CGIP254A02
Description  25mm Iridium Ceramic Patch Antenna
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGIP254A02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CGIP254A02 Datasheet HTML 1Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 2Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 3Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 4Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 5Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 6Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 7Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 8Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SPE-11-8-132/H/WY
Page 1 of 15
SPECIFICATION
Part No.
: CGIP.25.4.A.02
Product Name
: 25mm Iridium® / GPS / GALILEO Ceramic
Patch Antenna
1575–1626MHz Single Feed
Feature
: Wide Operation Band
High Gain
Dims:25*25*4mm
Single feed ceramic patch for combined
Iridium®/GPS/GALILEO applications
Iridium® has certified the CGIP.25.4.A.02
antenna for commercial use in
connection with the Iridium®
Communications System
RoHS Compliant


Similar Part No. - CGIP254A02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CGIP.25.4.A.02 TAOGLAS-CGIP.25.4.A.02 Datasheet
1Mb / 18P
   Wide Operation Band
More results

Similar Description - CGIP254A02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SP1615254A02 TAOGLAS-SP1615254A02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz 4dBi Embedded Ceramic Patch Antenna
logo
List of Unclassifed Man...
IP1621254A02 ETC2-IP1621254A02 Datasheet
1Mb / 12P
   4mm thick Iridium Patch Antenna, 1621MHz
logo
Taoglas antenna solutio...
WPC25B35 TAOGLAS-WPC25B35 Datasheet
818Kb / 10P
   2dBi 25mm 2.4 Ghz Patch Antenna
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
   25mm Three Stage Active GPS Patch Antenna
logo
TE Connectivity Ltd
955-048-XXX TEC-955-048-XXX Datasheet
142Kb / 3P
   IRIDIUM Screw Antenna
logo
List of Unclassifed Man...
AP25J0110000D ETC2-AP25J0110000D Datasheet
1Mb / 9P
   25mm Three Stage Active GPS Patch Antenna
logo
Tallysman Wireless Inc.
HC600 TALLYSMAN-HC600 Datasheet
381Kb / 2P
   HC600 Iridium Antenna
logo
TE Connectivity Ltd
956-311-1XX TEC-956-311-1XX Datasheet
296Kb / 2P
   IRIDIUM Embedded Antenna
955-047-XXX TEC-955-047-XXX Datasheet
316Kb / 3P
   IRIDIUM Magnet Antenna
logo
Tallysman Wireless Inc.
HC600E TALLYSMAN-HC600E Datasheet
401Kb / 2P
   HC600E Embedded Iridium Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com