Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBD01070100C Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # CBD01070100C
Description  2.4GHz Cable Dipole Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CBD01070100C Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CBD01070100C Datasheet HTML 1Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 2Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 3Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 4Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 5Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 6Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 7Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 8Page - Taoglas antenna solutions CBD01070100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-16-8-002/A/SS
Page 1 of 19
SPECIFICATION
Part No.
:
CBD01.07.0100C
Product Name
: 2.4GHz Cable Dipole Antenna
Feature
: 2.4GHz Wi-Fi/ISM band Antenna
Lightweight (1.47g) and Thin for UAV Applications
Flexible for easy integration
High Efficiency >70%
3dBi Peak Gain
Omnidirectional
Linear Polarization
100mm Ø1.37 Micro-Coaxial Cable
with IPEX MHF1 (U.FL) Connector
Cable and Connector Customizable
RoHS Compliant


Similar Part No. - CBD01070100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CBD01.07.0100C TAOGLAS-CBD01.07.0100C Datasheet
7Mb / 19P
   Linear Polarization
More results

Similar Description - CBD01070100C

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANT-24G-DPL-1 RFSOLUTIONS-ANT-24G-DPL-1 Datasheet
983Kb / 2P
   Mini Dipole Antenna 2.4GHz
2010
logo
List of Unclassifed Man...
GW11A153W ETC2-GW11A153W Datasheet
285Kb / 7P
   2.4GHz 2.3dBi Screw mount Dipole Antenna
logo
Taoglas antenna solutio...
GW11A153W TAOGLAS-GW11A153W Datasheet
963Kb / 13P
   2.4GHz 2.3dBi Screw Mount Dipole Antenna
logo
List of Unclassifed Man...
GW11A153 ETC2-GW11A153 Datasheet
1Mb / 13P
   2.4GHz 2.3dBi Screw mount Dipole Antenna
logo
Taoglas antenna solutio...
GW152113 TAOGLAS-GW152113 Datasheet
3Mb / 66P
   2.4GHz 3dBi Screw mount Dipole Antenna
logo
List of Unclassifed Man...
GW152113 ETC2-GW152113 Datasheet
828Kb / 12P
   2.4GHz 2dBi Screw mount Dipole Antenna
logo
Taoglas antenna solutio...
GW11A153 TAOGLAS-GW11A153 Datasheet
907Kb / 13P
   2.4GHz 2.3dBi Screw mount Dipole Antenna
GW17070250E TAOGLAS-GW17070250E Datasheet
566Kb / 30P
   2.4GHz 2dBi Click-in Terminal Dipole Antenna
GW593153 TAOGLAS-GW593153 Datasheet
1Mb / 16P
   2.4GHz/5.1~5.85GHz 3dBi Screw mount Dipole Antenna
logo
Raltron Electronics Cor...
RDP-GPRS-P-300-SMAM-3000 RALTRON-RDP-GPRS-P-300-SMAM-3000 Datasheet
157Kb / 1P
   DIPOLE ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com