Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF2401 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # BPF2401
Description  Airvu 2.4GHz Band Pass Filter for UAV/Drone Antennas
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

BPF2401 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  BPF2401 Datasheet HTML 1Page - Taoglas antenna solutions BPF2401 Datasheet HTML 2Page - Taoglas antenna solutions BPF2401 Datasheet HTML 3Page - Taoglas antenna solutions BPF2401 Datasheet HTML 4Page - Taoglas antenna solutions BPF2401 Datasheet HTML 5Page - Taoglas antenna solutions BPF2401 Datasheet HTML 6Page - Taoglas antenna solutions BPF2401 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPE-15-8-038/B/WY
Page 4 of 7
3. Electrical Specifications
S21
In Band View


Similar Part No. - BPF2401

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF2012LL01R5000A YAGEO-BPF2012LL01R5000A Datasheet
372Kb / 5P
   Band Pass Filter
BPF2012LL05R2400A YAGEO-BPF2012LL05R2400A Datasheet
450Kb / 5P
   WIRELESS COMPONENTS
BPF2012LL05R5000A YAGEO-BPF2012LL05R5000A Datasheet
357Kb / 5P
   WIRELESS COMPONENTS
BPF2012LL22R2400A YAGEO-BPF2012LL22R2400A Datasheet
384Kb / 5P
   Band Pass Filter
BPF2012LM09R2400A YAGEO-BPF2012LM09R2400A Datasheet
384Kb / 5P
   WIRELESS COMPONENTS
More results

Similar Description - BPF2401

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
BPF5801 TAOGLAS-BPF5801 Datasheet
392Kb / 7P
   Airvu 5.8 GHz Band Pass Filter For UAV/Drone Antennas
logo
Johanson Technology Inc...
2450BP15H0100E JOHANSON-2450BP15H0100E Datasheet
223Kb / 2P
   2.4GHz Band Pass Filter
logo
Taoglas antenna solutio...
LPF12011 TAOGLAS-LPF12011 Datasheet
394Kb / 7P
   Airvu 1.2GHz Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
   BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
   band pass filter
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
   BAND PASS FILTER
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
   BAND PASS FILTER
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
   Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
   Band Pass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com