Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2200SD Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FOD2200SD
Description  LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2200SD Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD2200SD Datasheet HTML 5Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 6Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 7Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 8Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 9Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 10Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 11Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 12Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7/7/04
Page 9 of 14
© 2004 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
LOGIC GATE OPTOCOUPLERS
FOD2200
TYPICAL PERFORMANCE CURVES
Figure 14. Propagation Delay vs Ambient Temperature
TA - Ambient Temperature (
°C)
-40
-20
0
20
40
60
80
100
TA - Ambient Temperature (
°C)
-40
-20
0
20
40
60
80
100
60
100
140
180
220
260
V
CC
tPHL, IF
tPHL, IF = 5 mA
= 5V
See Figure 1.
= 1.6 mA
tPLH, IF = 1.6 - 5 mA
tPHL, IF
C1 (120 pF) Peaking Capacitor Is Used.
Figure 15. Rise, Fall Time vs Ambient Temperature
0
40
80
120
160
200
V
CC
IF
tf
tr
= 5V
= 1.6mA
= 3 mA


Similar Part No. - FOD2200SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2200SD FAIRCHILD-FOD2200SD Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
FOD2200SDV FAIRCHILD-FOD2200SDV Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
More results

Similar Description - FOD2200SD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com