Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2200SD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD2200SD
Description  LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2200SD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD2200SD Datasheet HTML 1Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 2Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 3Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 4Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 5Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 6Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 7Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 8Page - Fairchild Semiconductor FOD2200SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LOW INPUT CURRENT
LOGIC GATE OPTOCOUPLERS
FOD2200
7/7/04
Page 4 of 14
© 2004 Fairchild Semiconductor Corporation
** Typical values at TA = 25°C, VCC = 5V, IF(ON) = 3 mA unless otherwise stated.
TRANSFER CHARACTERISTICS (TA = 0°C to +85°C, VCC = 4.5V to 20V, IF(ON) = 1.6mA to 5mA,
VEH = 2V to 20V, VEL = 0V to 0.8V, IF(OFF) = 0mA to 0.1mA Unless otherwise specified.) See Note 1.
DC Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
Output Leakage Current (VOUT > VCC)
(VCC = 4.5 V)
(IF = 5 mA)
VO = 5.5V
IOHH
2.0
100
µA
VO = 20V
2.5
500
Low Level Output Voltage
(VCC = 4.5 V, IF = 0 mA)
(VE = 0.4 V, IOL = 6.4 mA) (Note 2)
VOL
0.33
0.5
V
Input Threshold Current
(VCC = 4.5 V, VO = 0.5 V,
VE = 0.4 V, IOL = 6.4 mA)
IFT
1.6
mA
Logic High Output Voltage
IOH = -2.6 mA
VOH
2.4
VCC-1.8
V
High Impedance State Output Current
VO = 0.4 V, VEN = 2 V, IF = 5 mA
IOZL
-20
µA
VO = 2.4 V, VEN = 2 V, IF = 5 mA
IOZH
20
µA
VO = 5.5 V, VEN = 2 V, IF = 5 mA
100
µA
VO = 20 V, VEN = 2 V, IF = 5 mA
500
µA
Logic Low Short Circuit Output Current
Note 10
VO = VCC = 5.5 V, IF = 0 mA
IOSL
25
mA
VO = VCC = 20 V, IF = 0 mA
40
mA
Logic High Short Circuit Output Current
Note 10
VCC = 5.5 V, IF = 5 mA, VO = GND
IOSH
-10
mA
VCC = 20 V, IF = 5 mA, VO = GND
-25
mA
Input Current Hysteresis
VCC = 4.5 V
IHYS
0.03
mA
ISOLATION CHARACTERISTICS (TA = -40°C to +85°C Unless otherwise specified.)
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Withstand Insulation Test Voltage
(RH < 50%, TA = 25°C)
t = 1 min (Note 9)
VISO
5000
VRMS
Resistance (Input to Output)
(VI-O = 500 VDC) (Note 9)
RI-O
1012
Capacitance (Input to Output)
(VI-O = 0V, f = 1 MHz) (Note 9)
CI-O
0.6
pF


Similar Part No. - FOD2200SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2200SD FAIRCHILD-FOD2200SD Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
FOD2200SDV FAIRCHILD-FOD2200SDV Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
More results

Similar Description - FOD2200SD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com