Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X477M006ATA030 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T510X477M006ATA030
Description  T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X477M006ATA030 Datasheet(HTML) 5 Page - Kemet Corporation

  T510X477M006ATA030 Datasheet HTML 1Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 2Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 3Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 4Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 5Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 6Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 7Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 8Page - Kemet Corporation T510X477M006ATA030 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2055_T510_AUTO • 9/19/2016
55
Tantalum Surface Mount Capacitors – Automotive Grade
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz
Max
mΩ @ +20ºC
100 kHz
Max
mA @ +25ºC
100 kHz
mA @
+85ºC 100
kHz
mA @
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
4
680
X/7343-43
T510X687(1)004A(2)A030
27.2
6.0
30
3000
2700
1200
125
1
4
1000
X/7343-43
T510X108(1)004A(2)A035
40.0
6.0
35
2777
2499
1111
125
1
4
1000
E/7360-38
T510E108(1)004A(2)A018
40.0
6.0
18
3979
3581
1592
125
1
6.3
470
X/7343-43
T510X477(1)006A(2)A030
29.6
6.0
30
3000
2700
1200
125
1
6.3
680
X/7343-43
T510X687(1)006A(2)A023
42.8
6.0
23
3426
3083
1370
125
1
6.3
680
E/7360-38
T510E687(1)006A(2)A023
42.8
6.0
23
3520
3168
1408
125
1
10
330
X/7343-43
T510X337(1)010A(2)A035
33.0
6.0
35
2777
2499
1111
125
1
16
150
X/7343-43
T510X157(1)016A(2)A040
24.0
6.0
40
2598
2338
1039
125
1
16
220
X/7343-43
T510X227(1)016A(2)A040
35.2
10.0
40
2598
2338
1039
125
1
20
100
X/7343-43
T510X107(1)020A(2)A035
20.0
8.0
35
2777
2499
1111
125
1
20
100
X/7343-43
T510X107(1)020A(2)A040
20.0
6.0
40
2598
2338
1039
125
1
20
100
X/7343-43
T510X107(1)020A(2)A045
20.0
6.0
45
2449
2204
980
125
1
25
68
X/7343-43
T510X686(1)025A(2)A045
17.0
8.0
45
2449
2204
980
125
1
25
100
E/7360-38
T510E107(1)025A(2)A050
25.0
8.0
50
2387
2148
955
125
1
35
22
X/7343-43
T510X226(1)035A(2)A100
7.7
6.0
100
1643
1479
657
125
1
35
22
X/7343-43
T510X226(1)035A(2)A080
7.7
6.0
80
1837
1653
735
125
1
35
22
X/7343-43
T510X226(1)035A(2)A060
7.7
6.0
60
2121
1909
848
125
1
35
33
X/7343-43
T510X336(1)035A(2)A065
11.6
6.0
65
2038
1834
815
125
1
35
47
X/7343-43
T510X476(1)035A(2)A055
16.5
8.0
55
2216
1994
886
125
1
35
47
X/7343-43
T510X476(1)035A(2)A065
16.5
8.0
65
2038
1834
815
125
1
35
47
E/7360-38
T510E476(1)035A(2)A050
16.5
8.0
50
2387
2148
955
125
1
50
10
X/7343-43
T510X106(1)050A(2)A090
5.0
8.0
90
1732
1559
693
125
1
50
10
X/7343-43
T510X106(1)050A(2)A120
5.0
8.0
120
1500
1350
600
125
1
50
22
X/7343-43
T510X226(1)050A(2)A100
11.0
8.0
100
1643
1479
657
125
1
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz
Max
mΩ @ +20ºC
100 kHz
Max
mA @
+25ºC 100
kHz
mA @
+85ºC 100
kHz
mA @
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
(1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T510X477M006ATA030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATE030 KEMET-T510X477M006ATE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X477M006ATE030 KEMET-T510X477M006ATE030 Datasheet
608Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
T510X477M006ATE8007280 KEMET-T510X477M006ATE8007280 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
More results

Similar Description - T510X477M006ATA030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
B45396R KEMET-B45396R Datasheet
437Kb / 12P
   Multiple Anode, Ultra-low ESR
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com