Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B226M016AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491B226M016AT
Description  Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.2 Ohms, Height Max = 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B226M016AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491B226M016AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c997b0b9-9e0e-4fb9-8acf-f2263d5b909e
KEMET Part Number: T491B226M016AT
(B45196H3226M209)
Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.2 Ohms, Height Max = 2.1mm
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.9mm +/-0.2mm
T
0.13mm REF
S
0.8mm +0.2/-0.3mm
F
2.2mm +/-0.1mm
A
1.9mm MIN
B
0.4mm +/-0.15mm
E
2.2mm REF
G
1.8mm REF
P
0.5mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 107.45 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 22 uF
Capacitance Tolerance: 20%
Voltage DC: 16 VDC (85C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 2.2 Ohms (100kHz)
Current:
197 mAmps (100kHz 25C),
177.3 mAmps (85C), 78.8
mAmps (125C)
Leakage Current: 3.5 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491B226M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B226M010AT KEMET-T491B226M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B226M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B225M025AT KEMET-T491B225M025AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 20%, 25 V, 3528, SMD, MnO2, Molded, 4.5 Ohms, Height Max = 2.1mm
T491B225K016AT KEMET-T491B225K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T491B226K020AT KEMET-T491B226K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, 4 Ohms, Height Max = 2.1mm
T491B226M006AT KEMET-T491B226M006AT Datasheet
81Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 22 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T491B226M010AT KEMET-T491B226M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T491B685M016AT KEMET-T491B685M016AT Datasheet
81Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
T491B335M016AT KEMET-T491B335M016AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T491B336K006AT KEMET-T491B336K006AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, 2.2 Ohms, Height Max = 2.1mm
T491B225K025AT KEMET-T491B225K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 4.5 Ohms, Height Max = 2.1mm
T491B335M020AT KEMET-T491B335M020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 20%, 20 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com