Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLEX8000 Datasheet(PDF) 2 Page - Altera Corporation

Part # FLEX8000
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 2 Page - Altera Corporation

  FLEX8000 Datasheet HTML 1Page - Altera Corporation FLEX8000 Datasheet HTML 2Page - Altera Corporation FLEX8000 Datasheet HTML 3Page - Altera Corporation FLEX8000 Datasheet HTML 4Page - Altera Corporation FLEX8000 Datasheet HTML 5Page - Altera Corporation FLEX8000 Datasheet HTML 6Page - Altera Corporation FLEX8000 Datasheet HTML 7Page - Altera Corporation FLEX8000 Datasheet HTML 8Page - Altera Corporation FLEX8000 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
...and More
Features
s
Fabricated on an advanced SRAM process
s
Available in a variety of packages with 84 to 304 pins (see Table 2)
s
Software design support and automatic place-and-route provided by
the Altera® MAX+PLUS® II development system for 486- and
Pentium-based PCs, and Sun SPARCstation, HP 9000 Series 700/800,
and IBM RISC System/6000 workstations
s
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
OrCAD, Synopsys, Synplicity, and Veribest
Note:
(1)
FLEX 8000 device package types include plastic J-lead chip carrier (PLCC), thin quad flat pack (TQFP), plastic quad
flat pack (PQFP), power quad flat pack (RQFP), ball-grid array (BGA), and pin-grid array (PGA) packages.
General
Description
Altera’s Flexible Logic Element MatriX (FLEX®) family combines the
benefits of both erasable programmable logic devices (EPLDs) and field-
programmable gate arrays (FPGAs). The FLEX 8000 device family is ideal
for a variety of applications because it combines the fine-grained
architecture and high register count characteristics of FPGAs with the
high speed and predictable interconnect delays of EPLDs. Logic is
implemented in LEs that include compact 4-input look-up tables (LUTs)
and programmable registers. High performance is provided by a fast,
continuous network of routing resources.
Table 2. FLEX 8000 Package Options & I/O Pin Count
Note (1)
Device
84-Pin
PLCC
100-
Pin
TQFP
144-
Pin
TQFP
160-
Pin
PQFP
160-
Pin
PGA
192-
Pin
PGA
208-
Pin
PQFP
225-
Pin
BGA
232-
Pin
PGA
240-
Pin
PQFP
280-
Pin
PGA
304-
Pin
RQFP
EPF8282A
68
78
EPF8282AV
78
EPF8452A
68
68
120
120
EPF8636A
68
118
136
136
EPF8820A
112
120
152
152
152
EPF81188A
148
184
184
EPF81500A
181
208
208


Similar Part No. - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX8000 ALTERA-FLEX8000 Datasheet
957Kb / 62P
   Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000 Datasheet
962Kb / 62P
   Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000_1 Datasheet
957Kb / 62P
   Programmable Logic Device Family
More results

Similar Description - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1M120 ALTERA-EP1M120 Datasheet
869Kb / 86P
   Programmable Logic Device Family
EPM7128SLC84-15N ALTERA-EPM7128SLC84-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF6016ATC100-2 ALTERA-EPF6016ATC100-2 Datasheet
394Kb / 52P
   Programmable Logic Device Family
EPM9560RC240-15 ALTERA-EPM9560RC240-15 Datasheet
564Kb / 46P
   Programmable Logic Device Family
EPM7256SQC208-15 ALTERA-EPM7256SQC208-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064LC84-7 ALTERA-EPM7064LC84-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160SLC84-10 ALTERA-EPM7160SLC84-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP20K300EQC240-3 ALTERA-EP20K300EQC240-3 Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLI84-10N ALTERA-EPM7128SLI84-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064LC68-15 ALTERA-EPM7064LC68-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com