Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA101ABI001 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # LMA101ABI001
Description  Gemini 2*LTE 4G MIMO Magnetic Antenna
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LMA101ABI001 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  LMA101ABI001 Datasheet HTML 1Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 2Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 3Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 4Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 5Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 6Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 7Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 8Page - Taoglas antenna solutions LMA101ABI001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SPE-17-8-017-B
Page 4 of 26
MECHANICAL
Casing
PCL1250Y
Coaxial Cable
CFD-200
Cable Length
1 Meter Standard, fully customizable
Connector
SMA Male Standard, fully customizable
Weight
400g (Antenna with 1 meter Cable and Stand)
Dimension
164*164*36.5mm
Waterproof Rating
IP67
Magnetic Pull Force
11.24 kgF-cm
Magnetic Dim/Pcs
Φ18*3t N48M/ 8 pcs
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - LMA101ABI001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
More results

Similar Description - LMA101ABI001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
PAD.71X.A TAOGLAS-PAD.71X.A_17 Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
   Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
FXUB71.A.07.C.001 TAOGLAS-FXUB71.A.07.C.001_17 Datasheet
2Mb / 18P
   Embedded Flexible 4G LTE MIMO 2*2 Antenna
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001_17 Datasheet
2Mb / 18P
   4G LTE Wide Band Flex MIMO Antenna
FXUB70A07C001 TAOGLAS-FXUB70A07C001 Datasheet
2Mb / 21P
   4G LTE Wide Band Flex MIMO Antenna
logo
List of Unclassifed Man...
SR4L002 ETC1-SR4L002 Datasheet
2Mb / 24P
   Antenna for 4G LTE applications including MIMO systems.
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
   Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
AN_GSM_201_MIMO MASWELL-AN_GSM_201_MIMO Datasheet
511Kb / 3P
   4G LTE MIMO High Gain Panel Antenna 700 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com