Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXUB63070150C Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXUB63070150C
Description  LTE Wide Band Flex Antenna 698MHz -3000 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXUB63070150C Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXUB63070150C Datasheet HTML 1Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 2Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 3Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 4Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 5Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 6Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 7Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 8Page - Taoglas antenna solutions FXUB63070150C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SPE-14-8-054/C/RC
Page 1 of 15
SPECIFICATION
PATENT PENDING
Part No:
FXUB63.07.0150C
Product Name:
LTE Wide Band Flex Antenna 698MHz -3000 MHz
Features:
Patent Pending
Ground Plane Independent
698-3000 MHz
>45% Efficiency on All bands
5 dBi Peak Gain
96*21*0.2 mm size
IPEX MHFI (U.FL Compatible)
RoHS Compliant


Similar Part No. - FXUB63070150C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C Datasheet
3Mb / 13P
   Ground Plane Independent
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C Datasheet
1Mb / 15P
   LTE Wide Band Flex Antenna 698MHz -3000 MHz
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C_17 Datasheet
1Mb / 15P
   LTE Wide Band Flex Antenna 698MHz -3000 MHz
More results

Similar Description - FXUB63070150C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C_17 Datasheet
1Mb / 15P
   LTE Wide Band Flex Antenna 698MHz -3000 MHz
logo
Molex Electronics Ltd.
PS-1462340100 MOLEX-PS-1462340100 Datasheet
382Kb / 7P
   698MHZ-6GHZ WIDE BAND ANTENNA
2017/11/21
logo
Taoglas antenna solutio...
FXUB70A07C001 TAOGLAS-FXUB70A07C001 Datasheet
2Mb / 21P
   4G LTE Wide Band Flex MIMO Antenna
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001_17 Datasheet
2Mb / 18P
   4G LTE Wide Band Flex MIMO Antenna
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
logo
Taoglas antenna solutio...
FXUB68070180C TAOGLAS-FXUB68070180C Datasheet
1Mb / 14P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
List of Unclassifed Man...
FXUB68.07.0180C ETC2-FXUB68.07.0180C Datasheet
7Mb / 15P
   Embedded Flexible 4G LTE Wide Band Antenna
FXUB65.07.0180C ETC2-FXUB65.07.0180C Datasheet
1Mb / 15P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
AVX Corporation
1002289 AVX-1002289 Datasheet
1Mb / 6P
   LTE/Cellular Wide Band FPC Embedded Antenna
9/27/2021
logo
List of Unclassifed Man...
PA700A ETC2-PA700A Datasheet
306Kb / 12P
   Wide-Band LTE/Cellular/CDMA SMD Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com