Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T.045120 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T.045120
Description  RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T.045120 Datasheet(HTML) 5 Page - Vishay Siliconix

  T.045120 Datasheet HTML 1Page - Vishay Siliconix T.045120 Datasheet HTML 2Page - Vishay Siliconix T.045120 Datasheet HTML 3Page - Vishay Siliconix T.045120 Datasheet HTML 4Page - Vishay Siliconix T.045120 Datasheet HTML 5Page - Vishay Siliconix T.045120 Datasheet HTML 6Page - Vishay Siliconix T.045120 Datasheet HTML 7Page - Vishay Siliconix T.045120 Datasheet HTML 8Page - Vishay Siliconix T.045120 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T. 045090, T. 045120, T. 045150
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
5
Document Number: 22095
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
T#045090BH501##BH1
T#045090BH601##BH1
T#045090BH801##BJ1
T#045090BH102##BJ1
T#045090BH162##BJ1
T#045090WC252##BJ1
T#045120WH500##BF1
T#045120WH600##BF1
DERATING DIAGRAMS
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
1.64 MHz
0.18 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
1.36 MHz
0.15 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
1.02 MHz
0.11 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.82 MHz
0.09 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.51 MHz
0.06 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.33 MHz
0.04 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
11.36 MHz
1.05 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
9.46 MHz
0.88 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)


Similar Part No. - T.045120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
T.020050 VISHAY-T.020050 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
T.020080 VISHAY-T.020080 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 21-Feb-02
T.050120 VISHAY-T.050120 Datasheet
137Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 21-Jan-02
More results

Similar Description - T.045120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.020080 VISHAY-R.020080 Datasheet
85Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
RA020080 VISHAY-RA020080 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.016040 VISHAY-R.016040 Datasheet
89Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
R012085 VISHAY-R012085 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com