Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3101C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC3101C
Description  Low-Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3101C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC3101C Datasheet HTML 1Page - Sanyo Semicon Device EC3101C Datasheet HTML 2Page - Sanyo Semicon Device EC3101C Datasheet HTML 3Page - Sanyo Semicon Device EC3101C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC3101C / EC3201C
No.6963-2/4
Package Dimensions
Electrical Connection (Top view)
unit : mm
2184A
1 : Base
2 : Emitter
3 : Collector
4 : Collector
SANYO : ECSP1008-4
2
2
1
1
3
3
4
4
0.5
0.2
0.2
0.05
0.8
0.05
Top View
Marking
Bottom View
--40
--50
--30
--20
--10
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
IC -- VCE
--50
µA
50
µA
--100
µA
100
µA
150µA
200µA
250µA
300µA
350µA
400µ
A
450µ
A
--150
µA
--200
µA
--250µA
--300
µA
--450
µA
--500
µA
--400
µA
IB=0
IT03245
40
50
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
IC -- VCE
IB=0
IT03246
EC3101C
EC3201C
--12
--8
--4
0
0
--10
--20
--30
--40
--50
IC -- VCE
--5
µA
--10µA
--20µA
--25µA
--30µA
--35µA
--40µ
A
--45µ
A
--50
µA
--15µA
IB=0
IT03247
12
8
4
0
010
20
30
40
50
IC -- VCE
IT03248
EC3101C
PC=150mW
EC3201C
PC=150mW
5
µA
10
µA
15
µA
20
µA
25
µA
30
µA
35
µA
40
µA
45
µA
50
µA
IB=0
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Polarity mark Type No.
Base
Base
Emitter
Emitter
Collector
Collector
Collector
*Electrodes : on the bottom
Polarity mark


Similar Part No. - EC3101C

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC310 DFI-EC310 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR4866 DFI-EC310-CR4866 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR6881 DFI-EC310-CR6881 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR6G60 DFI-EC310-CR6G60 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CRA060 DFI-EC310-CRA060 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
More results

Similar Description - EC3101C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com