Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2012TJG03-FA Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2012TJG03-FA
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2012TJG03-FA Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2012TJG03-FA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2012TJG03-FA Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Series M
Snap-In Mount Miniature Rockers
B69
B
www.nkkswitches.com
Top LED
Bottom LED
Top LED
Bottom LED
AT070
AT617
AT618
Color
Red
Green
Red
Yellow
Green
Red
Yellow
Green
Maximum Forward Current
I
FM
25mA
50mA
30mA
30mA
25mA
25mA
30mA
25mA
Typical Forward Current
I
F
20mA
30mA
20mA
20mA
20mA
20mA
20mA
20mA
Forward Voltage
V
F
2.8V
2.1V
2.0V
2.1V
2.2V
2.25V
2.1V
2.2V
Maximum Reverse Voltage
V
RM
4V
5V
5V
5V
5V
5V
5V
5V
Current Reduction Rate
Above 25°C
∆I
F
0.33
mA/°C
0.40
mA/°C
0.40
mA/°C
0.40
mA/°C
0.33
mA/°C
0.33
mA/°C
0.40
mA/°C
0.33
mA/°C
Ambient Temperature Range
(when used with a bezel)
–10° ~ +70°C
–15° ~ +70°C
–25° ~ +70°C
LED COLORS & SPECIFICATIONS
Bezel Orientation on Switch
AT070 LED
For Bezel AT208
with 1 LED
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is independent of switch operation. LED is colored in OFF state.
If the source voltage is greater than the rated voltage of the LED, a ballast resistor must be connected in series with the lamp.
The ballast resistor calculation and more lamp detail are shown in the Supplement section.
(+)
(-)
AT617 LED
For Bezel AT212
with 2 Round LEDs
AT618 LED
For Bezel AT213
with 2 Rectangular LEDs
Note: Lead lengths may differ from manufacturing lot to lot. The longer lead is the anode (+).
F
E
C
F
E
C
C
F
(5.08) Dia
.200
(7.7)
.303
(+)
(-)
(5.0)
.197
(3.0) Dia
.118
(+)
(-)
(7.0)
.276
(5.0)
.197
(+)
(-)
LEGENDS
NKK Switches can provide custom legends for caps. Contact factory for more information.
Suggested Printable Area for Cap
AT4150
Recommended Print Method:
Pad Print
Epoxy based ink is recommended.
ON
(9.91)
.390
(3.36) Typ
.132
(11.43)
.450
(0.76) Typ
.030
(0.76) Typ
.030
(0.38) Typ
.015
(4.5) Typ
.177
Shaded areas are printable areas.


Similar Part No. - M2012TJG03-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results

Similar Description - M2012TJG03-FA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com