Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1408 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG1408
Description  3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1408 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG1408 Datasheet HTML 6Page - Vishay Siliconix DG1408 Datasheet HTML 7Page - Vishay Siliconix DG1408 Datasheet HTML 8Page - Vishay Siliconix DG1408 Datasheet HTML 9Page - Vishay Siliconix DG1408 Datasheet HTML 10Page - Vishay Siliconix DG1408 Datasheet HTML 11Page - Vishay Siliconix DG1408 Datasheet HTML 12Page - Vishay Siliconix DG1408 Datasheet HTML 13Page - Vishay Siliconix DG1408 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DG1408, DG1409
www.vishay.com
Vishay Siliconix
S14-1915-Rev. B, 22-Sep-14
10
Document Number: 62957
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 1 - Transition Time
Fig. 2 - Enable Switching Time
A1
A0
A2
A1
A0
+ 15 V
- 15 V
EN
V+
V-
GND
D
35 pF
VO
S1
S2 - S7
S8
100
± 10 V
± 10 V
+ 15 V
- 15 V
EN
V+
V-
GND
35 pF
VO
S1b
S1a - S4a, Da
S4b
100
± 10 V
± 10 V
Db
Logic
Input
Switch
Output
VS8
VO
tTRANS
tr < 20 ns
tf < 20 ns
S8 ON
S1 ON
tTRANS
0 V
VS1
50 %
90 %
90 %
3 V
0 V
DG1408
DG1409
50
+ 2.0 V
50
+ 2.0 V
Logic
Input
Switch
Output
VO
tr < 20 ns
tf < 20 ns
3 V
0 V
0 V
tOFF(EN)
tON(EN)
50 %
90 %
10 %
VO
EN
S1
S2 - S8
A0
A1
A2
50
100
VO
V+
GND
V-
D
5 V
35 pF
- 15 V
+ 15 V
S1b
S1a - S4a, Da
S2b - S4b
Db
EN
A0
A1
50
100
VO
V+
GND
V-
5 V
35 pF
- 15 V
+ 15 V
DG1408
DG1409


Similar Part No. - DG1408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
DG1408E VISHAY-DG1408E Datasheet
431Kb / 14P
   3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 06-Feb-17
DG1408EEN-T1-GE4 VISHAY-DG1408EEN-T1-GE4 Datasheet
431Kb / 14P
   3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 06-Feb-17
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
More results

Similar Description - DG1408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
logo
Vishay Siliconix
DG9409E VISHAY-DG9409E_V01 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com