Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418BMIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG418BMIL
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BMIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG418BMIL Datasheet HTML 1Page - Vishay Siliconix DG418BMIL Datasheet HTML 2Page - Vishay Siliconix DG418BMIL Datasheet HTML 3Page - Vishay Siliconix DG418BMIL Datasheet HTML 4Page - Vishay Siliconix DG418BMIL Datasheet HTML 5Page - Vishay Siliconix DG418BMIL Datasheet HTML 6Page - Vishay Siliconix DG418BMIL Datasheet HTML 7Page - Vishay Siliconix DG418BMIL Datasheet HTML 8Page - Vishay Siliconix DG418BMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG417BMIL, DG418BMIL, DG419BMIL
www.vishay.com
Vishay Siliconix
S12-0496-Rev. B, 05-Mar-12
4
Document Number: 63275
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 12 V, V- = - 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
A SUFFIX
- 55 °C to 125 °C
PARAMETER
SYMBOL
TEMP.b
TYP.c
MIN.d
MAX.d
UNIT
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 V or 5 V
Room
0.001
1
μA
Full
5
Negative Supply
Current
I-
Room
- 0.001
- 1
Full
- 5
Logic Supply Current
IL
Room
0.001
1
Full
5
Ground Current
IGND
Room
- 0.001
- 1
Full
- 5
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = 3.8 V
V+ = 10.8 V
Room
26
35
Full
26
52
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = 8 V, see switching time test circuit
Room
100
125
ns
Full
100
155
Turn-Off Time
tOFF
Room
38
66
Full
38
69
Break-Before-Make
Time Delay
tD
RL = 300 , CL = 35 pF
DG419B
Room
62
25
Transition Time
tTRANS
RL = 300 , CL = 35 pF
VS1 = 0 V, 8 V, VS2 = 8 V,0 V
Room
95
119
Full
95
153
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
18
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.2 V, VL = 5.25 V
VIN = 0 V or 5 V
Room
0.001
1
μA
Full
0.001
5
Negative Supply
Current
I-
Room
- 0.001
- 1
- 5
Logic Supply Current
IL
Room
0.001
1
5
Ground Current
IGND
Room
- 0.001
- 1
- 5


Similar Part No. - DG418BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG418B VISHAY-DG418B Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG418B VISHAY-DG418B Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG418B VISHAY-DG418B Datasheet
273Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG418BAK VISHAY-DG418BAK Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results

Similar Description - DG418BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com