Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU25H08-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BU25H08-E3
Description  Enhanced isoCink™ Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU25H08-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  BU25H08-E3 Datasheet HTML 1Page - Vishay Siliconix BU25H08-E3 Datasheet HTML 2Page - Vishay Siliconix BU25H08-E3 Datasheet HTML 3Page - Vishay Siliconix BU25H08-E3 Datasheet HTML 4Page - Vishay Siliconix BU25H08-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BU25H06-E3, BU25H08-E3
www.vishay.com
Vishay General Semiconductor
Revision: 08-Apr-16
3
Document Number: 87650
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Forward Current Derating Curve
Fig. 3 - Forward Power Dissipation
Fig. 4 - Typical Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
0
5
10
15
20
25
30
025
50
75
100
125
150
175
Case Temperature (
°C)
T
C measured at device bottom
With heatsink, sine-wave, R -load
T
C
T
C
0
1.0
2.0
3.0
4.0
5.0
0
255075
100
125
150
175
Ambient Temperature (
°C)
Without heatsink sine -wave, R -load,
free air, T
A
0
5
10
15
20
25
30
0
10
30
40
Average Forward Current (A)
20
50
0.01
0.1
1
10
100
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
Instantaneous Forward Voltage (V)
T
A = 125 °C
T
A = 25 °C
T
A = 175 °C
T
A = 75 °C
T
A = 150 °C
0.01
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 175 °C
T
A = 150 °C
T
A = 25 °C
T
A = 75 °C
0.1
1
10
100
10
1000
Reverse Voltage (V)
100


Similar Part No. - BU25H08-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU25H08-M3 VISHAY-BU25H08-M3 Datasheet
117Kb / 5P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 08-Apr-16
More results

Similar Description - BU25H08-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU2506-E3-51 VISHAY-BU2506-E3-51 Datasheet
107Kb / 6P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 23-Apr-13
BU25H06-M3 VISHAY-BU25H06-M3 Datasheet
117Kb / 5P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 08-Apr-16
PB5006-E3 VISHAY-PB5006-E3 Datasheet
98Kb / 5P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU2508-E3 VISHAY-BU2508-E3 Datasheet
111Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 16-Aug-13
BU1006A VISHAY-BU1006A_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1206 VISHAY-BU1206_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3506 VISHAY-PB3506_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com