Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M390S2858CT1 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M390S2858CT1
Description   SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858CT1 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M390S2858CT1 Datasheet HTML 2Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 3Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 4Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 5Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 6Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 7Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 8Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 9Page - Samsung semiconductor M390S2858CT1 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0.1 Sept. 2001
M390S2858CT1
PC133 Registered DIMM
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-7C
-7A
Operating current
(One bank active)
ICC1
Burst length =1
tRC
≥ tRC(min)
IO = 0 mA
2840
2660
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
422
mA
3
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
74
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
1070
mA
3
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
362
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
566
mA
3
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
218
Active standby current in
non power-down mode
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
1430
mA
3
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
902
mA
3
Operating current
(Burst mode)
ICC4
IO = 0mA
Page Burst
4 Banks activated
tCCD=2CLK
3020
3020
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
5000
4640
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
458
mA
3
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Measured with 1 PLL & 3 Drive ICs.
4. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :


Similar Part No. - M390S2858CT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1H SAMSUNG-M390S2858CTU-C1H Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1L SAMSUNG-M390S2858CTU-C1L Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C7A SAMSUNG-M390S2858CTU-C7A Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C7C SAMSUNG-M390S2858CTU-C7C Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
More results

Similar Description - M390S2858CT1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com