Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L3223DTL Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M368L3223DTL
Description  256MB DDR SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L3223DTL Datasheet(HTML) 5 Page - Samsung semiconductor

  M368L3223DTL Datasheet HTML 1Page - Samsung semiconductor M368L3223DTL Datasheet HTML 2Page - Samsung semiconductor M368L3223DTL Datasheet HTML 3Page - Samsung semiconductor M368L3223DTL Datasheet HTML 4Page - Samsung semiconductor M368L3223DTL Datasheet HTML 5Page - Samsung semiconductor M368L3223DTL Datasheet HTML 6Page - Samsung semiconductor M368L3223DTL Datasheet HTML 7Page - Samsung semiconductor M368L3223DTL Datasheet HTML 8Page - Samsung semiconductor M368L3223DTL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev. 0.2 May. 2002
M368L3223DTL
184pin Unbuffered DDR SDRAM MODULE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, V OUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to Vss
V DD
-1.0 ~ 3.6
V
Voltage on VDDQ supply relative to Vss
VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
P D
12
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
POWER & DC OPERATING CONDITIONS (SSTL_2 In/Out)
Notes 1. Includes
± 25mV margin for DC offset on VREF, and a combined total of ± 50mV margin for all AC noise and DC offset on VREF,
bandwidth limited to 20MHz. The DRAM must accommodate DRAM current spikes on VREF and internal DRAM noise coupled
TO VREF, both of which may result in V REF noise. VREF should be de-coupled with an inductance of
≤ 3nH.
2.VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in
simulation. The AC and DC input specifications are relative to a VREF envelop that has been bandwidth limited to 200MHZ.
5. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the dc level of the same.
6. These charactericteristics obey the SSTL-2 class II standards.
Recommended operating conditions(Voltage referenced to V SS=0V, T A=0 to 70
°C)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal V DD of 2.5V)
VDD
2.3
2.7
I/O Supply voltage
VDDQ
2.3
2.7
V
I/O Reference voltage
V REF
VDDQ/2-50mV
VDDQ/2+50mV
V
1
I/O Termination voltage(system)
VTT
V REF-0.04
VREF+0.04
V
2
Input logic high voltage
V IH(DC)
VREF+0.15
VDDQ +0.3
V
4
Input logic low voltage
VIL(DC)
-0.3
V REF-0.15
V
4
Input Voltage Level, CK and CK inputs
V IN(DC)
-0.3
VDDQ +0.3
V
Input Differential Voltage, CK and CK inputs
V ID(DC)
0.3
VDDQ +0.6
V
3
Input crossing point voltage, CK and CK inputs
VIX(DC)
1.15
1.35
V
5
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver)
;V OUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver)
;V OUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver)
;V OUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver)
;V OUT = VTT - 0.45V
IOL
9
mA


Similar Part No. - M368L3223DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - M368L3223DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com