Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_K7N803645B Datasheet(PDF) 6 Page - Samsung semiconductor

Part # DS_K7N803645B
Description  256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_K7N803645B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button DS_K7N803645B Datasheet HTML 2Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 3Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 4Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 5Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 6Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 7Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 8Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 9Page - Samsung semiconductor DS_K7N803645B Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
256Kx36 & 512Kx18 Pipelined NtRAMTM
- 6 -
Rev 3.0
Nov 2003
K7N801845B
K7N803645B
FUNCTION DESCRIPTION
The K7N803645B and K7N801845B are NtRAMTM designed to sustain 100% bus bandwidth by eliminating turnaround cycle when
there is transition from Read to Write, or vice versa.
All inputs (with the exception of OE, LBO and ZZ) are synchronized to rising clock edges.
All read, write and deselect cycles are initiated by the ADV input. Subsequent burst addresses can be internally generated by the
burst advance pin (ADV). ADV should be driven to Low once the device has been deselected in order to load a new address for next
operation.
Clock Enable(CKE) pin allows the operation of the chip to be suspended as long as necessary. When CKE is high, all synchronous
inputs are ignored and the internal device registers will hold their previous values.
NtRAMTM latches external address and initiates a cycle, when CKE, ADV are driven to low and all three chip enables(CS1, CS2, CS2)
are active .
Output Enable(OE) can be used to disable the output at any given time.
Read operation is initiated when at the rising edge of the clock, the address presented to the address inputs are latched in the
address register, CKE is driven low, all three chip enables(CS1, CS2, CS2) are active, the write enable input signals WE are driven
high, and ADV driven low.The internal array is read between the first rising edge and the second rising edge of the clock and the data
is latched in the output register. At the second clock edge the data is driven out of the SRAM. Also during read operation OE must
be driven low for the device to drive out the requested data.
Write operation occurs when WE is driven low at the rising edge of the clock. BW[d:a] can be used for byte write operation. The pipe-
lined NtRAMTM uses a late-late write cycle to utilize 100% of the bandwidth.
At the first rising edge of the clock, WE and address are registered, and the data associated with that address is required two cycle
later.
Subsequent addresses are generated by ADV High for the burst access as shown below. The starting point of the burst seguence is
provided by the external address. The burst address counter wraps around to its initial state upon completion.
The burst sequence is determined by the state of the LBO pin. When this pin is low, linear burst sequence is selected.
And when this pin is high, Interleaved burst sequence is selected.
During normal operation, ZZ must be driven low. When ZZ is driven high, the SRAM will enter a Power Sleep Mode after 2 cycles. At
this time, internal state of the SRAM is preserved. When ZZ returns to low, the SRAM normally operates after 2 cycles of wake up
time.
BURST SEQUENCE TABLE
(Interleaved Burst, LBO=High)
LBO PIN
HIGH
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
1
1
1
0
0
1
0
1
0
BQ TABLE
(Linear Burst, LBO=Low)
Note : 1. LBO pin must be tied to High or Low, and Floating State must not be allowed
.
LBO PIN
LOW
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
0


Similar Part No. - DS_K7N803645B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
More results

Similar Description - DS_K7N803645B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
K7N803609B SAMSUNG-K7N803609B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803649B SAMSUNG-K7N803649B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7N803601B SAMSUNG-K7N803601B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803645B SAMSUNG-K7N803645B Datasheet
400Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7P803611B SAMSUNG-K7P803611B Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com