Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7B801825B Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7B801825B
Description  256Kx36 & 512Kx18-Bit Synchronous Burst SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B801825B Datasheet(HTML) 2 Page - Samsung semiconductor

  K7B801825B Datasheet HTML 1Page - Samsung semiconductor K7B801825B Datasheet HTML 2Page - Samsung semiconductor K7B801825B Datasheet HTML 3Page - Samsung semiconductor K7B801825B Datasheet HTML 4Page - Samsung semiconductor K7B801825B Datasheet HTML 5Page - Samsung semiconductor K7B801825B Datasheet HTML 6Page - Samsung semiconductor K7B801825B Datasheet HTML 7Page - Samsung semiconductor K7B801825B Datasheet HTML 8Page - Samsung semiconductor K7B801825B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
K7B801825B
256Kx36 & 512Kx18 Synchronous SRAM
- 2 -
Rev 3.0
Nov. 2003
K7B803625B
8Mb SB/SPB Synchronous SRAM Ordering Information
Org.
Part Number
Mode
VDD
Speed
FT ; Access Time(ns)
Pipelined ; Cycle Time(MHz)
PKG
Temp
512Kx18
K7B801825B-QC(I)65/75
SB
3.3
6.5/7.5 ns
Q:
100TQFP
C:
Commercial
Temperature
Range
I:
Industrial
Temperature
Range
K7A801800B-QC(I)16/14
SPB(2E1D)
3.3
167/138 MHz
K7A801809B-QC(I)25
SPB(2E1D)
3.3
250 MHz
256Kx36
K7B803625B-QC(I)65/75
SB
3.3
6.5/7.5 ns
K7A803600B-QC(I)16/14
SPB(2E1D)
3.3
167/138 MHz
K7A803609B-QC(I)25
SPB(2E1D)
3.3
250 MHz


Similar Part No. - K7B801825B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B801825B SAMSUNG-K7B801825B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825B-QC65 SAMSUNG-K7B801825B-QC65 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7B801825B-QC75 SAMSUNG-K7B801825B-QC75 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results

Similar Description - K7B801825B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com