Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_K6F8016U6C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # DS_K6F8016U6C
Description  512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_K6F8016U6C Datasheet(HTML) 3 Page - Samsung semiconductor

  DS_K6F8016U6C Datasheet HTML 1Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 2Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 3Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 4Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 5Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 6Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 7Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 8Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6F8016U6C Family
Revision 0.0
May 2003
3
CMOS SRAM
Preliminary
PRODUCT LIST
Industrial Temperature Products(-40~85
°C)
Part Name
Function
K6F8016U6C-FF55
K6F8016U6C-FF70
48-FBGA, 55ns, 3.0V
48-FBGA, 70ns, 3.0V
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to be used under recommended operating condition. Exposure to absolute maximum rating conditions over 1 second may affect reliability.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to VCC+0.3V(Max. 3.6V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.3 to 3.6
V
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
°C
Operating Temperature
TA
-40 to 85
°C
FUNCTIONAL DESCRIPTION
1. X means don
′t care. (Must be low or high state)
CS1
CS2
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
L
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
X1)
X1)
X1)
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
H
L
X1)
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X1)
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
H
L
H
L
L
Dout
Dout
Word Read
Active
L
H
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
L
H
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
L
H
X1)
L
L
L
Din
Din
Word Write
Active


Similar Part No. - DS_K6F8016U6C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - DS_K6F8016U6C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com