Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13416-485LF-EVB Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13416-485LF-EVB
Description  0.1 to 3.8 GHz SP6T Antenna Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13416-485LF-EVB Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY13416-485LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13416-485LF-EVB Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DATA SHEET • SKY13416-485LF: SP6T ANTENNA SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
March 24, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201679G
Table 5. Isolation Matrix (2 of 2)
“On” Port
Frequency
(GHz)
Isolation
(dB)
RF1
RF2
RF3
RF4
RF5
RF6
Port-to-Port
RF1
1.0
–52
–31
–52
–44
–43
RF1
2.0
–43
–25
–44
–35
–37
RF1
2.7
–38
–22
–39
–30
–33
RF1
3.8
–32
–23
–29
–21
–24
RF2
1.0
–53
–47
–31
–40
–44
RF2
2.0
–42
–40
–25
–34
–35
RF2
2.7
–38
–37
–22
–31
–30
RF2
3.8
–31
–27
–25
–23
–22
RF3
1.0
–31
–54
–53
–33
–44
RF3
2.0
–24
–44
–44
–26
–37
RF3
2.7
–21
–39
–39
–23
–34
RF3
3.8
–24
–32
–29
–21
–24
RF4
1.0
–54
–31
–48
–41
–33
RF4
2.0
–43
–24
–41
–35
–26
RF4
2.7
–39
–22
–37
–32
–23
RF4
3.8
–30
–25
–27
–23
–22
RF5
1.0
–36
–54
–30
–54
–46
RF5
2.0
–30
–44
–24
–44
–38
RF5
2.7
–27
–39
–21
–39
–34
RF5
3.8
–26
–32
–22
–29
–24
RF6
1.0
–54
–37
–50
–31
–43
RF6
2.0
–43
–30
–41
–24
–36
RF6
2.7
–39
–27
–37
–21
–33
RF6
3.8
–30
–27
–27
–24
–23


Similar Part No. - SKY13416-485LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13414-485LF-EVB SKYWORKS-SKY13414-485LF-EVB Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13415-485LFEK1 SKYWORKS-SKY13415-485LFEK1 Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13417-485LF SKYWORKS-SKY13417-485LF Datasheet
473Kb / 12P
   0.1-3.0 GHz SP7T Antenna Switch
April 11, 2013
More results

Similar Description - SKY13416-485LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
   0.1 to 3.8 GHz SP8T Antenna Switch
SKY19243-686LF SKYWORKS-SKY19243-686LF Datasheet
192Kb / 2P
   0.1 to 3.8 GHz SPDT High-Power Antenna Tuning Switch in a QFN Package
logo
Guerrilla RF, Inc.
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
   LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
logo
Will Semiconductor Ltd.
WS7806QC WILLSEMI-WS7806QC Datasheet
304Kb / 6P
   0.1GHz ??3GHz SP6T Antenna Switch
logo
Skyworks Solutions Inc.
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
   0.4 to 3.8 GHz SP4T Switch
SKYA21037 SKYWORKS-SKYA21037 Datasheet
139Kb / 2P
   0.4 to 3.8 GHz DPDT Switch
logo
Will Semiconductor Ltd.
WS7806Q WILLSEMI-WS7806Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP6T Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com