Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4302Z-019 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4302Z-019
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302Z-019 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4302Z-019 Datasheet HTML 1Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 2Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 3Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 4Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 5Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 6Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 7Page - Maxim Integrated Products DS4302Z-019 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-Wire, 5-Bit DAC with Three Digital Outputs
_____________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Start Setup Time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 5)
20 + 0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 5)
20 + 0.1CB
300
ns
Stop Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive
Loading
CB
(Note 5)
400
pF
AC ELECTRICAL CHARACTERISTICS (Figure 3)
(VCC = +4.5V to 5.5V, TA = -40°C to +85°C, timing referenced to VIL(MAX) and VIH(MIN).)
Note 1: All voltages referenced to ground.
Note 2: ISTBY specified for the inactive state measured with SDA = SCL = VCC and with VOUT, P0, P1, and P2 floating.
Note 3: No load on VOUT.
Note 4: The DS4302 will not obstruct the SDA and SCL lines if VCC is switched off as long as the voltages applied to these inputs
does not violate their min and max input-voltage levels.
Note 5: CB—total capacitance of one bus line in picofarads.


Similar Part No. - DS4302Z-019

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4300D++ MAXIM-DS4300D+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
DS4300P++ MAXIM-DS4300P+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Dallas Semiconductor
DS4301U-200 DALLAS-DS4301U-200 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results

Similar Description - DS4302Z-019

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323-D ONSEMI-CS5323-D Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
   300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
logo
Linear Technology
LTC1663 LINER-LTC1663 Datasheet
195Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1663 LINER-LTC1663_15 Datasheet
166Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com