Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA515CCG001 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # MA515CCG001
Description  Heavy Duty Screw Mount Antenna MIMO Single Band 2.4GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA515CCG001 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button MA515CCG001 Datasheet HTML 4Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 5Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 6Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 7Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 8Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 9Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 10Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 11Page - Taoglas antenna solutions MA515CCG001 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SPE-13-8-033/D/EZ
Page 8 of 15
MA.515.C.A108151.G108151
3.8 Average Gain
Figure 9. Average Gain of the Hercules MA515 MIMO antenna from 2300 MHz to 2600 MHz.
3.9 3D Radiation Patterns
Figure 10. 3D Radiation Pattern at 2450 MHz of the MA515 Antenna, a) Antenna 1, b) Antenna 2
.


Similar Part No. - MA515CCG001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA515.C.CG.001 TAOGLAS-MA515.C.CG.001 Datasheet
1Mb / 15P
   UV and vandal resistant PE housing
logo
Coilcraft lnc.
MA5157-AL COILCRAFT-MA5157-AL Datasheet
245Kb / 1P
   Flyback Transformer
MA5157 COILCRAFT-MA5157_13 Datasheet
245Kb / 1P
   Flyback Transformer
More results

Similar Description - MA515CCG001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
   Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
Taoglas antenna solutio...
MA510CWCG002 TAOGLAS-MA510CWCG002 Datasheet
1Mb / 25P
   Heavy Duty White Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
List of Unclassifed Man...
WS01B305151 ETC2-WS01B305151 Datasheet
2Mb / 13P
   Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
   Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
MA501CAC001 ETC2-MA501CAC001 Datasheet
722Kb / 13P
   Heavy Duty Screw Mount Antenna GPS/Dual-Band 2.4-5.2GHz
logo
Taoglas antenna solutio...
MA530ACG003 TAOGLAS-MA530ACG003 Datasheet
1Mb / 16P
   Taoglas ?쏹ltima??Antenna Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
   433 MHz Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS01B305111 TAOGLAS-IS01B305111 Datasheet
933Kb / 15P
   433 MHz Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
MA501CAC001 TAOGLAS-MA501CAC001 Datasheet
932Kb / 18P
   Heavy Duty Screw Mount Antenna ??GPS-GALILEO/Dual-Band 2.4??.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com