Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA510CWCG002 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA510CWCG002
Description  Heavy Duty White Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA510CWCG002 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA510CWCG002 Datasheet HTML 1Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 2Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 3Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 4Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 5Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 6Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 7Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 8Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SPE-15-8-008/B/EZ
Page 3 of 25
MA.510.C.W.C108151.G108151
2. Specification
Antenna
Hercules MA510 MIMO
ELECTRICAL
Operation Frequency (GHz)
2.4~2.5
4.8~5.8
Polarization
Linear
Linear
Impedance (ohms)
50
50
Min Isolation (dB)
-22
-28
Max VSWR
2.0:1
2.0:1
Max Return Loss (dB)
-10
-10
Peak Gain (dBi)
3.9
3.0
Efficiency (%)
60
40
Average Gain (dB)
-2.2
-3.9
Radiation Properties
Omni
Omni
Max Input Power
2W max
2W max
MECHANICAL
Dimensions (mm)
Height=29 Diameter=49
Cable
1M RG316- Fully Customizable
Casing
PC
Base and Thread
Nickel Plated Zinc Alloy
Weather proof gasket
CR4305 foam with 3M9448B double-side adhesive
Connector
RP-SMA Male Fully Customizable
Thread Diameter (mm)
18
Sealant
Rubber Stopper
Recommended Torque for
Mounting
24.5N·m
Max Torque for Mounting
29.4N·m
Weight
134g
ENVIRONMENTAL
Protection
IP67 & IP69K
Corrosion
5% NACI for 48hrs- Nickel plated zinc alloy base and thread
Temperature Range
-40ºC to +85ºC
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
* The Hercules MA510 MIMO antenna performance was measured with RG316 coaxial cable at 1 meter cable length
on a 30x30 cm ground plane.


Similar Part No. - MA510CWCG002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
   Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
   Heavy Duty Screw Mount Antenna
More results

Similar Description - MA510CWCG002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
   Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
Taoglas antenna solutio...
MA515CCG001 TAOGLAS-MA515CCG001 Datasheet
1Mb / 15P
   Heavy Duty Screw Mount Antenna MIMO Single Band 2.4GHz
logo
List of Unclassifed Man...
MA501CAC001 ETC2-MA501CAC001 Datasheet
722Kb / 13P
   Heavy Duty Screw Mount Antenna GPS/Dual-Band 2.4-5.2GHz
logo
Taoglas antenna solutio...
MA501CAC001 TAOGLAS-MA501CAC001 Datasheet
932Kb / 18P
   Heavy Duty Screw Mount Antenna ??GPS-GALILEO/Dual-Band 2.4??.2GHz
logo
List of Unclassifed Man...
WS01B305151 ETC2-WS01B305151 Datasheet
2Mb / 13P
   Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
   Heavy Duty Screw Mount Antenna
FXP524D07C001 TAOGLAS-FXP524D07C001 Datasheet
1Mb / 19P
   Venti Wlan Mimo 2.4/5.0GHz Antenna with 4ports
logo
Maxtena Inc.
MEA-LW2-SM MAXTENA-MEA-LW2-SM Datasheet
1Mb / 4P
   Cellular/LTE and 2.4/5.0GHz ISM screw mount antenna
REV A
logo
Taoglas antenna solutio...
MA530ACG003 TAOGLAS-MA530ACG003 Datasheet
1Mb / 16P
   Taoglas ?쏹ltima??Antenna Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
   433 MHz Heavy Duty Screw Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com