Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL1013T-02AC Datasheet(PDF) 4 Page - II-VI Marlow, Inc.

Part # NL1013T-02AC
Description  Single-Stage Thermoelectric Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1013T-02AC Datasheet(HTML) 4 Page - II-VI Marlow, Inc.

  NL1013T-02AC Datasheet HTML 1Page - II-VI Marlow, Inc. NL1013T-02AC Datasheet HTML 2Page - II-VI Marlow, Inc. NL1013T-02AC Datasheet HTML 3Page - II-VI Marlow, Inc. NL1013T-02AC Datasheet HTML 4Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DOC # 102-0292 REV J - PAGE 4 OF 4
Power Generation performance information is given in a nitrogen environment and cold side temperatures of 27°C and 50°C. Module
temperature does not include thermal resistance of heat sinks. For performance information in vacuum, other cold side
temperatures, or specific heat sinks, consult one of our applications engineers.
TYPICAL POWER GENERATION CONFIGURATION
EXAMPLE:
(+)
(-)
Hot Side, Th
Cold Side, Tc
30
35
40
45
50
55
65
75
85
0
0.2
0.4
0.6
0.8
1
1.2
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.20.7
1.21.7
2.22.7
3.2
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=27°C
55
60
65
70
75
80
85
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
012345
6789
10
Load Resistance Ratio
Normalized Off-Peak Performance
Efficiency
Voltage
Hot Side Temperature (°C)
85
55
35
Cold Side Temperature (°C)
27
27
27
Optimum Efficiency, η (%)
2.52
1.28
0.37
Optimum Power (W)
0.087 0.021 0.002
Optimum Voltage (V)
1.021 0.487 0.138
Load Resistance for Opt η (Ω)
12.00 11.20 10.65
Open Circuit Voltage, VOC (V)
1.79
0.85
0.24
Short Circuit Current (A)
0.20
0.10
0.03
Thermal Resistance (°C/W)
16.86 16.88 16.85


Similar Part No. - NL1013T-02AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1013T-02AC VIMARLOW-NL1013T-02AC Datasheet
514Kb / 3P
   Single-Stage Thermoelectric Module
More results

Similar Description - NL1013T-02AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-8 VIMARLOW-XLT3-8 Datasheet
163Kb / 2P
   Single-Stage Thermoelectric Module
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
   Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
   Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
   Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
   Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
   Single-Stage Thermoelectric Module
RC12-4 VIMARLOW-RC12-4 Datasheet
567Kb / 3P
   Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T Datasheet
265Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com