Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS1855 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS1855
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

 
 1 page
background image
1 of 20
100101
FEATURES
§ Two linear taper potentiometers
- DS1855-010 (one 10k, 100 position and
one 10k, 256 position)
- DS1855-020 (one 10k, 100 position and
one 20k, 256 position)
- DS1855-050 (one 10k, 100 position and
one 50k, 256 position)
- DS1855-100 (one 10k, 100 position and
one 100k, 256 position)
§ 256 bytes of EEPROM memory
§ Access to data and potentiometer control via
a 2-wire interface
§ External write-protect pin to protect data and
potentiometer settings
§ Data and potentiometer settings also can be
write-protected through software control
§ Nonvolatile wiper storage
§ Operates from 3V or 5V supplies
§ Packaging: 14-pin TSSOP, 16-ball STPBGA,
flip-chip package
§ Industrial operating temperature:
-40ºC to +85ºC
§ Programming temperature: 0ºC to +85ºC
DESCRIPTION
The DS1855 dual nonvolatile (NV) digital potentiometer and secure memory consists of one 100-position
linear taper potentiometer, one 256-position linear taper potentiometer, 256 bytes of EEPROM memory,
and a 2-wire interface. The DS1855, which features a new software write protect, is an upgrade of the
DS1845. The DS1855 provides an ideal method for setting bias voltages and currents in control
applications using a minimum of circuitry. The EEPROM memory allows a user to store configuration or
calibration data for a specific system or device as well as provide control of the potentiometer wiper
settings. Any type of user information may reside in the first 248 bytes of this memory. The next two
addresses of EEPROM memory are for potentiometer settings and the remaining 6 bytes of memory are
reserved. These reserved and potentiometer registers should not be used for data storage. Access to this
EEPROM is via an industry-standard 2-wire bus. The interface I/O pins consist of SDA and SCL. The
wiper position of the DS1855, as well as EEPROM data, can be write-protected through hardware using
the
write-protect
input
pin
(WP)
or
software
using
the
2-wire
interface.
DS1855
Dual Nonvolatile Digital Potentiometer
and Secure Memory
www.maxim-ic.com
SDA
1
14
Vcc
SCL
2
13
H0
A0
3
12
W1
A1
4
11
H1
A2
5
10
L1
WP
6
9
W0
GND
78
L0
14-Pin TSSOP (173-mil)
A
B
C
D
1
2
3
4
Top View
16-Ball STPBGA (4mm x 4mm)
14-Pin Flip Chip (100-mil x 100-mil)
(Not Shown)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD52328-Bit Dual Nonvolatile Memory Digital Potentiometer 1 2 3 4 5 MoreAnalog Devices
DS3908Dual 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs 1 2 3 4 5 MoreMaxim Integrated Products
DS3930Hex Nonvolatile Potentiometer with I/O and Memory 1 2 3 4 5 MoreDallas Semiconductor
AD52553-Channel Digital Potentiometer with Nonvolatile Memory 1 2 3 4 5 MoreAnalog Devices
DS1845Dual NV Potentiometer and Memory 1 2 3 4 5 MoreDallas Semiconductor
X9221Dual E2POT™ Nonvolatile Digital Potentiometer 1 2 3 4 5 MoreXicor Inc.
AD5235Nonvolatile Memory Dual 1024 Position Digital Potentiometers 1 2 3 4 5 MoreAnalog Devices
AD5252Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers 1 2 3 4 5 MoreAnalog Devices
ADN28603-Channel Digital Potentiometer with Nonvolatile Memory 1 2 3 4 5 MoreAnalog Devices
X9315E 2 POT TM Nonvolatile Digital Potentiometer 1 2 3 4 5 MoreXicor Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl