Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T523J157M020APE0507280 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T523J157M020APE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T523J157M020APE0507280 Datasheet(HTML) 2 Page - Kemet Corporation

  T523J157M020APE0507280 Datasheet HTML 1Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 2Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 3Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 4Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 5Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 6Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 7Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 8Page - Kemet Corporation T523J157M020APE0507280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
22
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Environmental Compliance
• RoHS compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder or Ni-Pd-Au
• Halogen-free
• Epoxy compliant with UL94 V–0
K-SIM
For a detailed analysis of specific part numbers, please visit ksim.kemet.com to access KEMET’s K-SIM software. KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Ordering Information
T
548
V
157
M
016
A
T
E050
Capacitor
Class
Series
Case
Size
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
Failure
Rate/
Design
Termination
Finish
ESR
Packaging
(C-Spec)
T =
Tantalum
520 = Low Voltage
521 = High Voltage
523 = Facedown
Terminal
545 = High Energy
548 = High Energy,
Facedown Terminal
B
H
J
M
O
T
V
W
X
Y
First two digits
represent
significant
figures. Third
digit specifies
number of
zeros.
M = ±20%
006 = 6.3
010 = 10
016 = 16
020 = 20
035 = 35
A = N/A T = 100% Matte Tin
(Sn) plated
P* = Ni-Pd-Au plated
ESR in mΩ Blank = 7" Reel
7280 = 13"Reel
* P termination only available on T523/T548 part numbers
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°C to 85°C/105°C (Refer to part number in Table 1 for maximum temperature rating)
Rated Capacitance Range
22 μF – 1,500 μF at 120 Hz/25°C
Capacitance Tolerance
M Tolerance (20%)
Rated Voltage Range
6.3 – 35 VDC
DF (120 Hz)
Refer to part number in Table 1 for electrical specification
ESR (100 kHz)
Refer to part number in Table 1 for electrical specification
Leakage Current
≤ 0.1 CV (µA) at rated voltage after 5 minutes (Refer to part number in Table 1 for electrical
specification)


Similar Part No. - T523J157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T523J227M016APE070 KEMET-T523J227M016APE070 Datasheet
65Kb / 1P
   T523, Tantalum, Polymer Tantalum, Reduced Volume, 220 uF, 20%, 16 V, SMD, Polymer, Molded, Face Down Terminals, 70mOhms, 7360, Height Max = 1.5mm
T523J337M010APE070 KEMET-T523J337M010APE070 Datasheet
62Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T523, 330 uF, 20%, 10 V, 7360, SMD, Polymer, Molded, Face Down Terminals, 70mOhms, Height Max = 1.5mm
More results

Similar Description - T523J157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com