Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-530K Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HCPL-530K
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-530K Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HCPL-530K Datasheet HTML 6Page - Broadcom Corporation. HCPL-530K Datasheet HTML 7Page - Broadcom Corporation. HCPL-530K Datasheet HTML 8Page - Broadcom Corporation. HCPL-530K Datasheet HTML 9Page - Broadcom Corporation. HCPL-530K Datasheet HTML 10Page - Broadcom Corporation. HCPL-530K Datasheet HTML 11Page - Broadcom Corporation. HCPL-530K Datasheet HTML 12Page - Broadcom Corporation. HCPL-530K Datasheet HTML 13Page - Broadcom Corporation. HCPL-530K Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Broadcom
- 10 -
HCPL-5300, HCPL-5301, HCPL-530K, 5962-96852
Data Sheet
IPM Dead Time and Propagation Delay Specifications
Figure 1 Typical Transfer Characteristics
Figure 2 Normalized Output Current vs. Temperature
0
IF – FORWARD LED CURRENT – mA
6
4
2
5
10
10
15
20
8
0
125°C
25°C
-55°C
VO = 0.6 V
TA – TEMPERATURE – °C
0.8
0.7
0.5
IF = 10 mA
VO = 0.6 V
0.9
1.0
0
0.6
0
40 60
100
-60
-20
20
80
0
4
1
0
2
1
0
4
-
Figure 3 High Level Output Current vs. Temperature
Figure 4 Input Current vs. Forward Voltage
TA – TEMPERATURE – °C
20
10
5
25
0
VF = 0.8 V
VCC = VO = 30 V
15
0
40 60
100
-60
-20
20
80
0
4
1
0
2
1
0
4
-
1.10
0.001
VF – FORWARD VOLTAGE – VOLTS
1.60
10
1.0
0.1
1.20
1000
1.30
1.40
1.50
TA = 25°C
IF
VF
+
0.01
100
Figure 5 Propagation Delay Test Circuit
0.1 μF
VCC = 15 V
20 k
IF(ON) =10 mA
VOUT
CL*
+
*TOTAL LOAD CAPACITANCE
+
8
7
6
1
3
SHIELD
5
2
4
5 V
20 k
If
VO
VTHHL
tPHL
tPLH
tf
tr
90%
10%
90%
10%
VTHLH


Similar Part No. - HCPL-530K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-530K HP-HCPL-530K Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-530K AVAGO-HCPL-530K Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-530K-100 HP-HCPL-530K-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-530K-200 HP-HCPL-530K-200 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-530K-300 HP-HCPL-530K-300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-530K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com