Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1060CTL Datasheet(PDF) 3 Page - Littelfuse

Part # MBR1060CTL
Description  Free-wheeling diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBR1060CTL Datasheet(HTML) 3 Page - Littelfuse

  MBR1060CTL Datasheet HTML 1Page - Littelfuse MBR1060CTL Datasheet HTML 2Page - Littelfuse MBR1060CTL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:01/19/16
MBR1060CTL, 2x 5A, 60V,TO-220AB, Common Cathode
Dimensions- TO-220AB
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
MBR1060CTL
MBR1060CTL
50pcs / Tube
1000
Part Numbering and Marking System
LF
= Littelfuse
MBR
= Device Type
10
= Forward Current (10A)
60
= Reverse Voltage (60V)
CTL
= Configuration
YY
= Year
WW
= Week
L
= Lot Number
LF YYWWL
MBR1060CTL
Tube Specification
32mm
7mm
530mm
Symbol
Millimeters
Min
Max
A
3.56
4.83
A1
0.51
1.40
A2
2.03
2.92
b
0.38
1.02
b1
1.14
1.78
c
0.31*
0.61
D
14.22
16.51
D1
8.38
9.15*
E
9.65
10.67
e
2.54
-
e1
4.98*
-
H1
5.84
6.86
L
12.70
14.73
L1
-
6.35
øP
3.53
4.09
Q
2.54
3.43
Footnote *: The spec. does not comply with JEDEC spec.


Similar Part No. - MBR1060CTL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR1060CTL SMC-MBR1060CTL Datasheet
184Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR1060CTL SMCDIODE-MBR1060CTL Datasheet
193Kb / 4P
   MBR1060CTL SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBR1060CTL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MBR1045 LITTELFUSE-MBR1045 Datasheet
618Kb / 3P
   Free-wheeling diodes
MBRF2045CT LITTELFUSE-MBRF2045CT Datasheet
626Kb / 3P
   Free-wheeling diodes
MBRB20100CT LITTELFUSE-MBRB20100CT Datasheet
602Kb / 3P
   Free-wheeling diodes
MBRF10100CTR LITTELFUSE-MBRF10100CTR Datasheet
618Kb / 3P
   Free-wheeling diodes
MBRF10150CTL LITTELFUSE-MBRF10150CTL Datasheet
638Kb / 3P
   Free-wheeling diodes
MBRF1060CTL LITTELFUSE-MBRF1060CTL Datasheet
625Kb / 3P
   Free-wheeling diodes
MBRB10100CT LITTELFUSE-MBRB10100CT Datasheet
591Kb / 3P
   Free-wheeling diodes
MBRF2060CT LITTELFUSE-MBRF2060CT Datasheet
612Kb / 3P
   Free-wheeling diodes
logo
ON Semiconductor
NGTB30N135IHR1WG ONSEMI-NGTB30N135IHR1WG Datasheet
137Kb / 9P
   Monolithic Free Wheeling Diode
September, 2015 ??Rev. 0
NGTB15N135IHRWG ONSEMI-NGTB15N135IHRWG Datasheet
195Kb / 10P
   Monolithic Free Wheeling Diode
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com