Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-04205 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # 5962-04205
Description  0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5962-04205 Datasheet(HTML) 3 Page - Broadcom Corporation.

  5962-04205 Datasheet HTML 1Page - Broadcom Corporation. 5962-04205 Datasheet HTML 2Page - Broadcom Corporation. 5962-04205 Datasheet HTML 3Page - Broadcom Corporation. 5962-04205 Datasheet HTML 4Page - Broadcom Corporation. 5962-04205 Datasheet HTML 5Page - Broadcom Corporation. 5962-04205 Datasheet HTML 6Page - Broadcom Corporation. 5962-04205 Datasheet HTML 7Page - Broadcom Corporation. 5962-04205 Datasheet HTML 8Page - Broadcom Corporation. 5962-04205 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Broadcom
- 3 -
HCPL-5150 and HCPL-5151,
DLA SMD 5962-04205
Data Sheet
Device Marking
Hermetic Optocoupler Options
Option
Description
100
Surface-mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on Commercial,
Class H product.
200
Lead finish is solder dipped rather than gold plated. This option is available on Commercial, Class H product. DLA Drawing
(SMD) part numbers contain provisions for lead finish.
300
Surface-mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is available on
Commercial, Class H product. This option has solder-dipped leads.
COMPLIANCE INDICATOR,[1]
DATE CODE, SUFFIX (IF NEEDED)
A
HCPL-515x
5962-04205
01Hxx
50434
COUNTRY OF MFR.
Avago CAGE CODE[1]
Avago DESIGNATOR
DLA SMD[1]
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD[1]
[1] QML PARTS ONLY
SGP
QYYWWZ
1.14 (0.045)
1.40 (0.055)
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
0.51 (0.020)
MIN.
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
9.65 (0.380)
9.91 (0.390)
5 MAX.
4.57 (0.180)
MAX.
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
1.07 (0.042)
1.32 (0.052)


Similar Part No. - 5962-04205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-0420501HPA HP-5962-0420501HPA Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
5962-0420501HPC HP-5962-0420501HPC Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
5962-0420501HPX HP-5962-0420501HPX Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
5962-0420501HXA HP-5962-0420501HXA Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
5962-0420501HYA HP-5962-0420501HYA Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - 5962-04205

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com