Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NH25M22WG Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NH25M22WG
Description  Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NH25M22WG Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NH25M22WG_17 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1706E_NH25M22WG_e
Oven Controlled Crystal Oscillator (OCXO)
for Fixed Communication Equipment
NH25M22WG
●Basestationsforsystemmobilecommunications●Opticaltransmissionsystem
●Measuringinstrument●Synthesizer●Exchanger●High-endrouter
Main Application
●Lowpowerconsumption.
●Veryquickstabilizationtime.
●Excellentlong-termfrequencystability.
●Lownear-carrierphasenoisecharacteristics.
Features
Specifications
PhaseNoise
(at10MHz)
OffsetFrequency
dBc/Hz
1Hz
Typ.−100
10Hz
Typ.−125
100Hz
Typ.−142
1kHz
Typ.−152
10kHz
Typ.−152
Reference Value
Dimensions
Model
Item
NH25M22WG
NominalFrequencyfnom(MHz)
10
SupplyVoltageVcc(V)
+3.3
+5
LoadImpedanceCL(pF)
15
OperatingTemperatureRangeTopr(°C)
0to+70
–40to+85
0to+70
–40to+85
StorageTemperatureRangeTstr(°C)
–40to+85
PowerConsumptionPCC(W)
atstart
Max.3.0
whenstable,at+25°C
Max.1.3
FrequencyToleranceΔf/fnom
at+25°C,Vcont=Center,before
shipment
Max.200×10-9
Frequency/TemperatureCharacteristicsΔf/f
atOperatingTemperatureRange
Max.±10×10–9
Frequency/VoltageCoefficientΔf/f
VCC±5%
Max.±3×10–9
Long-termFrequencyStability
Δf/f
Basedonfrequencyafter30days
operation
Max.±1×10–9/day
Max.±50×10–9/year
StabilizationTime(min.)
Timewithinspecifiedfrequencytolerance
afterpoweronat+25°C,basedon
frequencyafter60minutesoperation.
Max.3/within±200×10–9
FrequencyControlRangeΔf/f
Vcont=+1.4V±1.4V Vcont=+1.65V±1.65V
Vcont=+2V±2V
Vcont=+2.5V±2.5V
Min.±500×10–9
Min.±500×10–9
Min.±500×10–9
Min.±500×10–9
FrequencyChangePolarity
Positive
OutputVoltage
LVCMOS
VOL:Max.+0.4V
VOH:Min.+2.4V
HCMOS
VOL:Max.+0.5V
VOH:Min.+4.5V
LVCMOS
VOL:Max.+0.4V
VOH:Min.+2.4V
Symmetry(%)
at(VOH+VOL)/2
40to60
SpecificationNumber
NSC5127A
NSC5127B
NSC5128A
NSC5128B
Weofferdedicatedtoolforevaluationofthisproduct
Pleasespecifythemodelname,frequency,andspecificationnumberwhen
youorderproducts.
Forfurtherquestionsregardingspecifications,pleasefeelfreetocontactus.
#1
#2
#3
#4
#5
#6
#7
Vcont
DNC (Don't connect)
VCC
OUTPUT
DNC (Don't connect)
DNC (Don't connect)
GND
mm
Terminal land connections
Tolerance: ± 0.3
22.0
17.8±0.1
7.62±0.1
#2
#1
#3
2.5
#7
#4
#5
#6
Terminal numbers are not printed.
Tolerance±0.3
Itmightbeprintedmanegementcodetothebottom.


Similar Part No. - NH25M22WG_17

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NH25M22WG NDK-NH25M22WG Datasheet
586Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
More results

Similar Description - NH25M22WG_17

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NH25M22WC NDK-NH25M22WC Datasheet
81Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WA NDK-NH25M22WA Datasheet
82Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH26M26LG NDK-NH26M26LG Datasheet
306Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH37M28LC NDK-NH37M28LC Datasheet
225Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH21M13LB NDK-NH21M13LB Datasheet
83Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH26M26LB NDK-NH26M26LB Datasheet
84Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22TB NDK-NH25M22TB Datasheet
580Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH26M26LC NDK-NH26M26LC Datasheet
289Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WE NDK-NH25M22WE Datasheet
81Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH21M13LA NDK-NH21M13LA Datasheet
84Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com