Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSA3540D Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSA3540D
Description  High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSA3540D Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSA3540D Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1706E_NH14M09WA_e
High Precision Oscillator (Twin-OCXO)
for Fixed Communication Equipment
NH14M09WA
●Basestationsforsystemmobilecommunications●High-endrouter●Synthesizer
●Measuringinstrument●Exchanger●Opticaltransmissionsystem
Main Application
●Compact.
●Excellenttemperaturecharacteristics.
●ExcellentLong-termfrequencystability.
●Excellentphasenoisecharacteristics.
●Supportswidetemperaturerange.
Features
Phasenoise
(at10MHz)
OffsetFrequency
dBc/Hz
1Hz
−75
10Hz
−100
100Hz
−125
1kHz
−150
10kHz
−160
Reference Value
Dimensions
Specifications
Model
Item
NH14M09WA
NominalFrequencyRange(MHz)
5to40
NominalFrequencyfnom(MHz)
10,12.8,13,19.2,20,25.6,30.72,38.88
SupplyVoltageVcc(V)
+3.3
LoadImpedanceCL(pF)
15
OperatingTemperatureRangeTopr(°C)
–20to+70
–40to+85
StorageTemperatureRangeTstr(°C)
–40to+85
PowerConsumptionPCC(W)
atstart
Max.2.0(Typ.1.3)
whenstable,at+25°C
Max.1.0(Typ.0.6)
FrequencyToleranceΔf/fnom
at+25°C,Vcont=Center,beforeshipment
Max.500×10-9
Frequency/Temperature
CharacteristicsΔf/f
atOperatingTemperatureRange
Max.±10×10–9 Max.±50×10–9 Max.±10×10–9 Max.±50×10–9
Frequency/VoltageCoefficientΔf/f VCC±5%
Max.±10×10–9(Typ.±5×10–9)
Long-termFrequencyStability
Δf/f
Basedonfrequencyafter30daysoperation
Max.±5×10–9/day
Max.±300×10–9/year
StabilizationTime(min.)
Timewithinspecifiedfrequencytolerance
afterpoweronat+25°C,basedonfrequency
after60minutesoperation.
Max.3/within±100×10–9
FrequencyControlRangeΔf/f
Vcont=+1.5V±1.3V
Min.±5×10–6
FrequencyChangePolarity
Positive
Linearity(%)
Typ.±1
OutputVoltage
LVCMOS
VOL:Max.+0.3V
VOH:Min.+3.0V
Symmetry(%)
at(VOH+VOL)/2
45to55
SpecificationNumber
NSA3540A
NSA3540B
NSA3540C
NSA3540D
Weofferdedicatedtoolforevaluationofthisproduct
Pleasespecifythemodelname,frequency,andspecificationnumberwhen
youorderproducts.
Forfurtherquestionsregardingspecifications,pleasefeelfreetocontactus.
mm
#1
#2
#3
#4
#5
#6
Vcont
DNC (Don’t connect)
GND
OUTPUT
DNC (Don’t connect)
VCC
Terminal land connections
Tolerance ±0.3
14.3
#1 #2 #3
#4
#5
#6
2.54±0.1
2.54±0.1
1.0±0.1
Terminal numbers are not printed.
Tolerance±0.3
Itmightbeprintedmanegementcodetothebottom.


Similar Part No. - NSA3540D

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSA3540E NDK-NSA3540E Datasheet
702Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NSA3540F NDK-NSA3540F Datasheet
702Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
More results

Similar Description - NSA3540D

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NH14M09TA NDK-NH14M09TA_17 Datasheet
702Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH20M20LB NDK-NH20M20LB Datasheet
629Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH14M09WA NDK-NH14M09WA Datasheet
293Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH20M20LB NDK-NH20M20LB_17 Datasheet
699Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH37M28LN NDK-NH37M28LN_17 Datasheet
709Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH25M22TA NDK-NH25M22TA Datasheet
629Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH25M22TA NDK-NH25M22TA_17 Datasheet
697Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH14M09TA NDK-NH14M09TA Datasheet
385Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH37M28LK NDK-NH37M28LK_17 Datasheet
767Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NT14M09TA NDK-NT14M09TA Datasheet
644Kb / 1P
   High Precision Oscillator (Twin-DCXO) for Fixed Communication Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com