Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1260 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV1260
Description  Six Channel 10 Bit BLVDS Deserializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV1260 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS92LV1260 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 9Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 10Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 11Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 12Page - National Semiconductor (TI) DS92LV1260 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Transfer (Continued)
The Deserializer input pins are high impedance during Pow-
erdown (PWRDN low) and power-off (V
cc = 0V).
Resynchronization
Whenever one of the six Deserializers loses lock, it will
automatically try to resynchronize. For example, if the em-
bedded clock edge is not detected two times in succession,
the PLL loses lock and the LOCKn pin is driven high. The
system must monitor the LOCKn pin to determine when data
is valid.
The user has the choice of allowing the deserializer to re-
synch to the data stream or to force synchronization by
pulsing the Serializer SYNC1 or SYNC2 pin. This scheme is
left up to the user discretion. One recommendation is to
provide a feedback loop using the LOCKn pin itself to control
the sync request of the Serializer (SYNC1 or SYNC2). Dual
SYNC pins are given for multiple control in a multi-drop
application.
Powerdown
The Powerdown state is a low power sleep mode that the
Serializer and Deserializer typically occupy while waiting for
initialization, or to reduce power consumption when no data
is transfers. The Deserializer enters Powerdown when
PWRDN is driven low. In Powerdown, the PLL stops and the
outputs go into TRI-STATE, which reduces supply current to
the microamp range. To exit Powerdown, the system drives
PWRDN high.
Upon exiting Powerdown, the Deserializer enters the Initial-
ization state. The system must then allow time to Initialize
before data transfer can begin.
TRI-STATE
When the system drives REN pin low, the Deserializer enters
TRI-STATE. This will TRI-STATE the receiver output pins
(ROUT[00:59]) and RCLK[0:5]. When the system drives
REN high, the Deserializer will return to the previous state as
long as all other control pins remain static (PWRDN,
RCLK_R/F).
www.national.com
9


Similar Part No. - DS92LV1260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
DS92LV1260TUJB TI1-DS92LV1260TUJB Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
DS92LV1260TUJB/NOPB TI1-DS92LV1260TUJB/NOPB Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
More results

Similar Description - DS92LV1260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Cirrus Logic
CS4227 CIRRUS-CS4227 Datasheet
731Kb / 36P
   Six Channel, 20-Bit Codec
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
Texas Instruments
DS92LV1224 TI1-DS92LV1224_15 Datasheet
1Mb / 23P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com