Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M60L Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # ACPL-M60L
Description  Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-M60L Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button ACPL-M60L Datasheet HTML 3Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 4Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 5Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 6Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 7Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 8Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 9Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 10Page - Broadcom Corporation. ACPL-M60L Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Broadcom
- 7 -
ACPL-M60L
Data Sheet
Electrical Specifications
Over recommended temperature (TA = –40°C to +100°, 4.5V≤ VDD ≤ 5.5V) unless otherwise specified.
All Typical specifications at VCC = 5V, TA = 25°C.
Parameter
Symbol
Min.
Typ.a
a.
All typicals at TA = 25°C, VCC = 5V.
Max.
Units
Test Conditions
Fig.
Note
High Level Output Current
IOH
—5.5
100
μA
VCC = 5.5V, VO = 5.5V,
IF = 250 μA
5
Input Threshold Current
ITH
—2
5
mA
VCC = 5.5V, IO ≥ 13 mA,
VO =0.6V
7
Low Level Output Voltage
VOL
—0.4
0.6
V
VCC = 5.5V, IF = 5 mA,
IOL (Sinking) = 13 mA
9, 11
High Level Supply Current
ICCH
—4
7.5
mA
VCC = 5.5V, IF = 0 mA
Low Level Supply Current
ICCL
6
10.5
mA
VCC = 5.5V, IF = 10 mA
Input Forward Voltage
VF
1.4
1.5
1.75
V
TA = 25°C, IF = 10 mA
12
1.3
1.85
IF = 10 mA
Input Reverse Breakdown Voltage
BVR
5—
V
IR = 10 μA
Input Diode Temperature Coefficient
ΔVF/ΔTA
–1.6
mV/°C IF = 10 mA
Input-Output Insulation
VISO
3750
VRMS
RH ≤ 50%, t = 1 min.
b, c
b.
Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5, and 6 shorted together.
c.
In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for 1 second (Leakage detection current
limit, II-O ≤ 5 μA).
Input Capacitance
CIN
—60—
pF
VF = 0V, f = 1 MHz


Similar Part No. - ACPL-M60L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L AVAGO-ACPL-M60L Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L AVAGO-ACPL-M60L Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
More results

Similar Description - ACPL-M60L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com