Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E04-100 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS28E04-100
Description  4096-Bit Addressable 1-Wire EEPROM with PIO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28E04-100 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS28E04-100 Datasheet HTML 1Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 2Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 3Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 4Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 5Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 6Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 7Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 8Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DS28E04-100: 4096-Bit 1-Wire Addressable EEPROM with PIO
2 of 36
ABSOLUTE MAXIMUM RATINGS
All Pins: Voltage to GND
-0.5V, +6V
All Pins: Sink Current
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-40°C to +85°C
Soldering Temperature
See IPC/JEDEC J-STD-020A
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 5.25V, VCC = VPUP, floated or grounded, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ground Current
IGND
(Notes 1, 2, 3)
20
mA
Supply Current
ICC
VCC = VPUP (Note 3)
1
mA
Standby Supply Current
ICCS
Device idle; A0 to A6 floating
11
µA
PINS A0 TO A6
Input Low Voltage
VILA
(Note 1)
0.30
V
Input High Voltage
VIHA
VX = max(VPUP, VCC) (Note 1)
VX -
0.3V
V
Input Load Current
ILA
Pin at GND (Note 4)
-1.1
µA
POL PIN
Input Low Voltage
VILPOL
(Note 1)
0.30
V
Input High Voltage
VIHPOL
VX = max(VPUP, VCC) (Note 1)
VX -
0.3V
V
Leakage Current
ILKPOL
Pin at 5.25V
1
µA
PIO PINS
Input Low Voltage
VILP
(Note 1)
0.30
V
Input High Voltage
VIHP
VX = max(VPUP, VCC) (Note 1)
VX -
0.3V
V
Output Low Voltage at
4mA
VOLP
(Note 5)
0.4
V
Leakage Current
ILKP
Pin at 5.25V
1
µA
Minimum Sensed PIO
Pulse
tPWMIN
(Note 6)
1
10
µs
Output Pulse Duration
tPULSE
(Note 7)
250
1000
ms
IO PIN GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 1, 8)
0.3
2.2
k
W
Input Capacitance
CIO
(Notes 3, 9)
100
800
pF
IO pin at VPUP, A0 to A6 floating, VCC at
GND
0.05
11.00
Input Load Current
IL
IO pin at VPUP, A0 to A6 floating, VCC at
VPUP
0.05
8.25
µA
High-to-Low Switching
Threshold
VTL
(Notes 3, 10, 11)
0.46
4.40
V
Input Low Voltage
VIL
(Notes 1, 12)
0.3
V
Input High Voltage
VIH
VX = max(VPUP, VCC) (Note 1)
VX -
0.3V
V
Low-to-High Switching
Threshold
VTH
(Notes 3, 10, 13)
1.0
4.9
V
Switching Hysteresis
VHY
(Notes 3, 10, 14)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA Current Load (Note 5)
0.4
V
Standard speed, RPUP = 2.2k
W
5
Overdrive speed, RPUP = 2.2k
W
2
Recovery Time
(Notes 1, 15)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2k
W
5
µs
Standard speed (Note 16)
0.5
5.0
Rising-Edge Hold-Off Time
(Note 3)
tREH
Overdrive speed
Not applicable (0)
µs
Standard speed
65
Time Slot Duration
(Note 1)
tSLOT
Overdrive speed
9
µs


Similar Part No. - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
More results

Similar Description - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Maxim Integrated Produc...
DS28CZ04 MAXIM-DS28CZ04 Datasheet
224Kb / 22P
   4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
REV: 061107
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com