Electronic Components Datasheet Search |
|
ACPL-C799 Datasheet(PDF) 8 Page - Broadcom Corporation. |
|
ACPL-C799 Datasheet(HTML) 8 Page - Broadcom Corporation. |
8 / 16 page Broadcom - 8 - ACPL-C799 Data Sheet Timing Specifications Timing Specifications Unless otherwise noted, TA = –40°C to +105°C, VDD1 = 4.5V to 5.5V, VDD2 = 3V to 5.5V. Figure 4 Data Timing Package Characteristics Unless otherwise noted, TA = –40°C to +105°C, VDD1 = 4.5V to 5.5V, VDD2 = 3V to 5.5V. Table 9 Timing Specifications Parameter Symbol Min. Typ.a a. All Typical values are at TA = 25°C, VDD1 = 5V, VDD2 = 5V. Max. Units Test Conditions/Notes Fig. Modulator Clock Output Frequency fMCLK 9 1011MHz CL = 15 pF, Clock duty cycle 40% to 65% Modulator Clock Rising Time tr 5 CL = 15 pF Modulator Clock Falling Time tf 5 CL = 15 pF Data Setup Time Before MCLK Rising Edge tS 55 75 ns CL = 15 pF Data Hold Time After MCLK Rising Edge tH 10 ns CL = 15 pF Table 10 Package Characteristics Parameter Symbol Min. Typ.[1] Max. Units Test Conditions/Notes Note Input-Output Momentary Withstand Voltage VISO 5000 Vrms RH ≤ 50%, t = 1 min; TA = 25°C a, b a. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 6000 Vrms for 1 second (leakage detection current limit, II-O ≤ 5 μA). This test is performed before the 100% production test for partial discharge (method b) shown in IEC/EN/DIN EN 60747-5-5 Insulation Characteristic Table. b. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating, refer to the IEC/EN/DIN EN 60747-5-5 insulation characteristics table and your equipment level safety specification. Input-Output Resistance RI-O >1012 VI-O = 500 Vdc c c. This is a two-terminal measurement: pins 1–4 are shorted together and pins 5–8 are shorted together. Input-Output Capacitance CI-O 0.5 pF f = 1 MHz c TS TH MCLK MDAT |
Similar Part No. - ACPL-C799 |
|
Similar Description - ACPL-C799 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |