Electronic Components Datasheet Search |
|
C1210H124G4GALT100 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C1210H124G4GALT100 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1001_C0G_200C_SMD • 7/23/2014 1 One world. One KEMET Ordering Information C 1210 H 124 J 5 G A C TU Ceramic Case Size (L" x W") Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Voltage Dielectric Failure Rate/ Design Termination Finish2 Packaging/Grade (C-Spec)3 0402 0603 0805 1206 1210 1812 2220 H= High Temperature (200°C) 2 significant digits + number of zeros. Use 9 for 1.0 – 9.9 pF Use 8 for 0.5 – .99 pF e.g., 2.2 pF = 229 e.g., 0.5 pF = 508 B = ±0.10 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% 8 = 10 V 4 = 16 V 3 = 25 V 5 = 50 V 1 = 100 V 2 = 200 V G = C0G A = N/A C = 100% Matte Sn L = SnPb (5% minimum) Blank = Bulk TU = 7" Reel - Unmarked (full reel quantity) T050 = 50 pcs / 7” Reel - Unmarked T100 = 100 pcs / 7” Reel - Unmarked T250 = 250 pcs / 7” Reel - Unmarked T500 = 500 pcs / 7” Reel - Unmarked T1K0 = 1,000 pcs / Reel - Unmarked 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Additional termination finish options may be available. Contact KEMET for details. 3 Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “T1K0” packaging option, 1812 thru 2225 case size devices with chip thickness of ≥ 1.9mm (nominal) may be shipped on multiple 7” reels or a single 13” reel . The term “Unmarked” pertains to laser marking of components. All packaging options labeled as “Unmarked” will contain capacitors that have not been laser marked. Additional reeling or packaging options may be available. Contact KEMET for details. Overview KEMET’s high temperature surface mount C0G Multilayer Ceramic Capacitors (MLCCs) feature a robust, proprietary base metal dielectric system that offers industry-leading performance relative to capacitance and case size combined with capacitance stability at extreme temperatures up to +200°C. This new platform promotes downsizing opportunities of existing high temperature C0G technology, and offers replacement opportunities of existing X7R, BX and BR dielectric technologies. KEMET’s high temperature C0G dielectric features a 200°C maximum operating temperature and is considered “stable.” The Electronics Components, Assemblies & Materials Association (EIA) characterizes C0G dielectric as a Class I material. Components of this classification are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. C0G exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30 ppm/ ºC from -55°C to +200°C. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature 200°C, C0G Dielectric, 10 – 200 VDC (Industrial Grade) Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C1210H124G4GALT100 |
|
Similar Description - C1210H124G4GALT100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |