Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-31JT Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPL-31JT
Description  Qualified to AEC-Q100 Grade 1 test guidelines
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-31JT Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPL-31JT Datasheet HTML 1Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 2Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 3Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 4Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Broadcom
- 1 -
Description
The Broadcom® automotive 2.5-amp gate drive optocoupler
features fast propagation delay with excellent timing skew
performance. Smart features that are integrated to protect the
MOSFET include desaturation sensing with shutdown
protection and fault feedback, under voltage lockout and
feedback, and active Miller current clamping. This full-featured
and easy-to-implement gate drive optocoupler comes in a
compact, surface-mountable SO-16 package for space-savings.
It is ideally designed for driving power MOSFETs used in AC-DC
and DC-DC converters and satisfies automotive AEC-Q100
semiconductor requirements.
Broadcom R2Coupler™ isolation products provide reinforced
insulation and reliability that delivers safe signal isolation
critical in automotive and high temperature industrial
applications.
Functional Diagram
Figure 1 ACPL-31JT Functional Diagram
Features
Qualified to AEC-Q100 Grade 1 test guidelines
Automotive temperature range: –40°C to +125°C
Common mode rejection (CMR): >50kV/μs at VCM = 1500V
High noise immunity
Miller current clamping
Direct LED input with low input impedance and low
noise sensitivity
Negative gate bias
Peak output current: 2.5A maximum.
Miller clamp sinking current: 1.9A maximum
Wide operating voltage: 12V to 20V
Propagation delay: 250 ns maximum
Dead time distortion: –100 ns to +15 ns
Integrated fail-safe MOSFET protection
Desat sensing, turn-off protection, and fault feedback
Under voltage lock-out protection (UVLO) with feedback
SO-16 package with 8-mm clearance and creepage
Regulatory approvals:
UL1577, CSA
EC/EN/DIN EN 60747-5-5
Applications
Automotive isolated MOSFET gate drive
Automotive DC-DC converter
Switching power supplies
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation that may be induced by ESD. The
components featured in this data sheet are not
to be used in military or aerospace applications
or environments.
VE
LED2+
VCC2
VO
VCC1
VEE1
CA
/FAULT
/UVLO
AN
UVLO
Over
Current
DESAT
Output
Driver
CLAMP
VEE2
Miller Control
VEE2
Input
Driver
1
3
5
6
7
8
9
10
11
12
13
14
15
16
ACPL-31JT
Automotive 2.5-Amp MOSFET Gate Drive Optocoupler
with Integrated Desat Over Current Sensing, Miller
Current Clamping and Under Voltage Lock-Out
Feedback
Data Sheet


Similar Part No. - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
More results

Similar Description - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
   Qualified to AEC-Q100 Grade 1 Test Guidelines
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com